Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7453BRT-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7453BRT-R2
Description  Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453BRT-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7453BRT-R2 Datasheet HTML 7Page - Analog Devices AD7453BRT-R2 Datasheet HTML 8Page - Analog Devices AD7453BRT-R2 Datasheet HTML 9Page - Analog Devices AD7453BRT-R2 Datasheet HTML 10Page - Analog Devices AD7453BRT-R2 Datasheet HTML 11Page - Analog Devices AD7453BRT-R2 Datasheet HTML 12Page - Analog Devices AD7453BRT-R2 Datasheet HTML 13Page - Analog Devices AD7453BRT-R2 Datasheet HTML 14Page - Analog Devices AD7453BRT-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
–11–
AD7453
THE ANALOG INPUT
The AD7453 has a pseudo differential analog input. The VIN+
input is coupled to the signal source and must have an ampli-
tude of VREF p-p to make use of the full dynamic range of the
part. A dc input is applied to the VIN–. The voltage applied to
this input provides an offset from ground or a pseudo ground
for the VIN+ input. The main benefit of pseudo differential inputs
is that they separate the analog input signal ground from the
ADC’s ground, allowing dc common-mode voltages to be
cancelled.
Because the ADC operates from a single supply, it is necessary
to level shift ground based bipolar signals to comply with the
input requirements. An op amp (for example, the AD8021) can
be configured to rescale and level shift a ground based (bipolar)
signal so that it is compatible with the input range of the AD7453.
See Figure 7.
When a conversion takes place, the pseudo ground corresponds
to 0 and the maximum analog input corresponds to 4096.
EXTERNAL
VREF (2.5V)
R
VIN+
VIN–
AD7453
5V
2.5V
0V
VREF
+2.5V
0V
–2.5V
VIN
R
R
0.1 F
R
Figure 7. Op Amp Configuration to Level Shift a
Bipolar Input Signal
Analog Input Structure
Figure 8 shows the equivalent circuit of the analog input structure
of the AD7453. The four diodes provide ESD protection for the
analog inputs. Care must be taken to ensure that the analog
input signals never exceed the supply rails by more than 300 mV.
This will cause these diodes to become forward biased and start
conducting into the substrate. These diodes can conduct up to
10 mA without causing irreversible damage to the part. The
capacitors, C1 in Figure 8, are typically 4 pF and can be
attributed primarily to pin capacitance. The resistors are lumped
components made up of the on resistance of the switches. The
value of these resistors is typically about 100
W. The capacitors,
C2, are the ADC’s sampling capacitors and have a capacitance
of 16 pF typically.
For ac applications, removing high frequency components from
the analog input signal through the use of an RC low-pass filter
on the relevant analog input pins is recommended. In applica-
tions where harmonic distortion and the signal-to-noise ratio are
critical, the analog input should be driven from a low imped-
ance source. Large source impedances will significantly affect
the ac performance of the ADC, which may necessitate the use
of an input buffer amplifier. The choice of the op amp will be a
function of the particular application.
VIN+
C1
C2
R1
D
D
VDD
VIN–
C1
C2
R1
D
D
VDD
Figure 8. Equivalent Analog Input Circuit. Conversion
Phase—Switches Open; Track Phase—Switches Closed
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum source
impedance depends on the amount of total harmonic distortion
(THD) that can be tolerated. The THD increases as the source
impedance increases and performance degrades. Figure 9 shows a
graph of the THD versus analog input signal frequency for
different source impedances.
INPUT FREQUENCY (kHz)
–100
10
100
277
–80
–50
–40
0
200
–10
–20
–30
–60
–70
–90
10
62
100
Figure 9. THD vs. Analog Input Frequency for
Various Source Impedances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com