Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7453BRT-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7453BRT-R2
Description  Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453BRT-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7453BRT-R2 Datasheet HTML 10Page - Analog Devices AD7453BRT-R2 Datasheet HTML 11Page - Analog Devices AD7453BRT-R2 Datasheet HTML 12Page - Analog Devices AD7453BRT-R2 Datasheet HTML 13Page - Analog Devices AD7453BRT-R2 Datasheet HTML 14Page - Analog Devices AD7453BRT-R2 Datasheet HTML 15Page - Analog Devices AD7453BRT-R2 Datasheet HTML 16Page - Analog Devices AD7453BRT-R2 Datasheet HTML 17Page - Analog Devices AD7453BRT-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. 0
–14–
AD7453
all analog circuitry is powered down. For the AD7453 to enter
power-down mode, the conversion process must be interrupted
by bringing
CS high anywhere after the second falling edge of
SCLK and before the tenth falling edge of SCLK, as shown in
Figure 14.
Once
CS has been brought high in this window of SCLKs, the
part will enter power-down and the conversion that was initi-
ated by the falling edge of
CS will be terminated and SDATA
will go back into three-state. The time from the rising edge of
CS to SDATA three-state enabled will never be greater than t
8
(see the Timing Specifications). If
CS is brought high before the
second SCLK falling edge, the part will remain in normal
mode and will not power down. This will avoid accidental
power-down due to glitches on the
CS line.
To exit this mode of operation and power up the AD7453
again, a dummy conversion is performed. On the falling edge of
CS the device will begin to power up, and will continue to
power up as long as
CS is held low until after the falling edge of
the 10th SCLK. The device will be fully powered up after 1
msec
has elapsed and, as shown in Figure 15, valid data will result
from the next conversion.
If
CS is brought high before the 10th falling edge of SCLK, the
AD7453 will again go back into power-down. This avoids
accidental power-up due to glitches on the
CS line or an inad-
vertent burst of eight SCLK cycles while
CS is low. So although
the device may begin to power up on the falling edge of
CS, it
will again power down on the rising edge of
CS as long as it
occurs before the 10th SCLK falling edge.
1
10
CS
SCLK
SDATA
THREE–STATE
2
Figure 14. Entering Power-Down Mode
Power-Up Time
The power-up time of the AD7453 is typically 1
ms, which means
that with any frequency of SCLK up to 10 MHz, one dummy
cycle will always be sufficient to allow the device to power up.
Once the dummy cycle is complete, the ADC will be fully
powered up and the input signal will be acquired properly.
The quiet time, tQUIET, must still be allowed—from the point at
which the bus goes back into three-state after the dummy con-
version to the next falling edge of
CS.
When running at the maximum throughput rate of 555 kSPS,
the AD7453 will power up and acquire a signal within
±0.5 LSB in one dummy cycle. When powering up from the
power-down mode with a dummy cycle, as in Figure 15, the track-
and-hold, which was in hold mode while the part was powered
down, returns to track mode after the first SCLK edge the part
receives after the falling edge of
CS. This is shown as Point A in
Figure 15.
Although at any SCLK frequency one dummy cycle is sufficient
to power up the device and acquire VIN, it does not necessarily
mean that a full dummy cycle of 16 SCLKs must always elapse
to power up the device and acquire VIN fully; 1
ms will be suffi-
cient to power up the device and acquire the input signal.
For example, if a 5 MHz SCLK frequency was applied to the
ADC, the cycle time would be 3.2
ms (i.e., 1/(5 MHz) ¥ 16). In
one dummy cycle, 3.2
ms, the part would be powered up and
VIN acquired fully. However after 1
ms with a 5 MHz SCLK,
only five SCLK cycles would have elapsed. At this stage, the
ADC would be fully powered up and the signal acquired. So, in
this case, the
CS can be brought high after the 10th SCLK
falling edge and brought low again after a time, tQUIET, to ini-
tiate the conversion.
When power supplies are first applied to the AD7453, the ADC
may either power up in the power-down mode or normal
mode. Because of this, it is best to allow a dummy cycle to
elapse to ensure that the part is fully powered up before attempting
a valid conversion. Likewise, if the user wants the part to power
up in power-down mode, then the dummy cycle may be used to
ensure the device is in power-down mode by executing a cycle
such as that shown in Figure 14. Once supplies are applied to
the AD7453, the power-up time is the same as that when pow-
ering up from power-down mode. It takes approximately 1
ms
to power up fully if the part powers up in normal mode. It is
not necessary to wait 1
ms before executing a dummy cycle to
ensure the desired mode of operation. Instead, the dummy
cycle can occur directly after power is supplied to the ADC. If
the first valid conversion is then performed directly after the
dummy conversion, care must be taken to ensure that adequate
acquisition time has been allowed.
As mentioned earlier, when powering up from the power-down
mode, the part will return to track mode upon the first SCLK
edge applied after the falling edge of
CS. However, when the
ADC powers up initially after supplies are applied, the track-and-
hold will already be in track mode. This means (assuming one
has the facility to monitor the ADC supply current) that if
the ADC powers up in the desired mode of operation and thus
a dummy cycle is not required to change mode, then neither is a
dummy cycle required to place the track-and-hold into track.
POWER VS. THROUGHPUT RATE
By using the power-down mode on the AD7453 when not
converting, the average power consumption of the ADC decreases
at lower throughput rates. Figure 16 shows how, as the throughput
rate is reduced, the device remains in its power-down state longer
and the average power consumption reduces accordingly. For
example, if the AD7453 is operated in continuous sampling mode
with a throughput rate of 100 kSPS and an SCLK of 10 MHz,
and the device is placed in the power-down mode between con-
versions, then the power consumption is calculated as follows:
Power dissipation during normal operation = 7.25 mW max
(for VDD = 5 V). If the power-up time is one dummy cycle (1.06
ms
if
CS is brought high after the 10th SCLK falling edge in the
cycle and then brought low after the quiet time) and the remaining
conversion time is another cycle, i.e., 1.6
ms, then the AD7453
can be said to dissipate 7.25 mW for 2.66
ms* during each
conversion cycle.
*This figure assumes a very short time to enter power-down mode. This will
increase as the burst of clocks used to enter the power down mode is
increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com