Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7453BRT-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7453BRT-R2
Description  Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453BRT-R2 Datasheet(HTML) 3 Page - Analog Devices

  AD7453BRT-R2 Datasheet HTML 1Page - Analog Devices AD7453BRT-R2 Datasheet HTML 2Page - Analog Devices AD7453BRT-R2 Datasheet HTML 3Page - Analog Devices AD7453BRT-R2 Datasheet HTML 4Page - Analog Devices AD7453BRT-R2 Datasheet HTML 5Page - Analog Devices AD7453BRT-R2 Datasheet HTML 6Page - Analog Devices AD7453BRT-R2 Datasheet HTML 7Page - Analog Devices AD7453BRT-R2 Datasheet HTML 8Page - Analog Devices AD7453BRT-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD7453
Parameter
Test Conditions/Comments
A Version
1
B Version
1
Unit
POWER REQUIREMENTS
VDD
2.7/5.25
2.7/5.25
V min/max
IDD
7, 8
Normal Mode (Static)
SCLK on or off
0.5
0.5
mA typ
Normal Mode (Operational)
VDD = 4.75 V to 5.25 V
1.5
1.5
mA max
VDD = 2.7 V to 3.6 V
1.2
1.2
mA max
Full Power-Down Mode
SCLK on or off
1
1
mA max
Power Dissipation
Normal Mode (Operational)
VDD = 5 V; 1.55 mW typ for 100 kSPS
7
7.25
7.25
mW max
VDD = 3 V; 0.64 mW typ for 100 kSPS
7
3.3
3.3
mW max
Full Power-Down Mode
VDD = 5 V; SCLK on or off
5
5
mW max
VDD = 3 V; SCLK on or off
3
3
mW max
NOTES
1Temperature ranges as follows: A, B versions: –40
∞C to +85∞C.
2See Terminology section.
3Analog inputs with slew rates exceeding 27 V/ s (full-scale input sine wave > 3.5 MHz) within the acquisition time may cause an incorrect result to be returned by
the converter.
4A small dc input is applied to V
IN– to provide a pseudo ground for VIN+.
5The AD7453 is functional with a reference input in the range 100 mV to 3.5 V.
6Sample tested @ 25
∞C to ensure compliance.
7See Power Versus Throughput Rate section.
8Measured with a midscale dc input.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com