Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7453BRT-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7453BRT-R2
Description  Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453BRT-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7453BRT-R2 Datasheet HTML 11Page - Analog Devices AD7453BRT-R2 Datasheet HTML 12Page - Analog Devices AD7453BRT-R2 Datasheet HTML 13Page - Analog Devices AD7453BRT-R2 Datasheet HTML 14Page - Analog Devices AD7453BRT-R2 Datasheet HTML 15Page - Analog Devices AD7453BRT-R2 Datasheet HTML 16Page - Analog Devices AD7453BRT-R2 Datasheet HTML 17Page - Analog Devices AD7453BRT-R2 Datasheet HTML 18Page - Analog Devices AD7453BRT-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
–15–
AD7453
If the throughput rate = 100 kSPS, then the cycle time = 10
ms and
the average power dissipated during each cycle is
266 10
7 25
192
./
.
.
()¥=
mW
mW
For the same scenario, if VDD = 3 V, the power dissipation during
normal operation is 3.3 mW max.
The AD7453 can now be said to dissipate 3.3 mW for 2.66
ms*
during each conversion cycle.
The average power dissipated during each cycle with a through-
put rate of 100 kSPS is therefore
266 10
3 3
0 88
./
.
.
()¥=
mW
mW
This is how the power numbers in Figure 16 are calculated.
THROUGHPUT (kSPS)
100
0
350
0.01
50
100
150
200
250
300
0.1
1
10
VDD = 5V
VDD = 3V
Figure 16. Power vs. Throughput Rate for Power-
Down Mode
For throughput rates above 320 kSPS, it is recommended that
for optimum power performance, the serial clock frequency is
reduced.
MICROPROCESSOR AND DSP INTERFACING
The serial interface on the AD7453 allows the part to be con-
nected directly to a range of different microprocessors. This
section explains how to interface the AD7453 with some of
the more common microcontroller and DSP serial interface
protocols.
AD7453 to ADSP-21xx
The ADSP-21xx family of DSPs are interfaced directly to the
AD7453 without any glue logic required.
The SPORT control register should be set up as follows:
TFSW = RFSW = 1
Alternate Framing
INVRFS = INVTFS = 1
Active Low Frame Signal
DTYPE = 00
Right Justify Data
SLEN = 1111
16-Bit Data Words
ISCLK = 1
Internal Serial Clock
TFSR = RFSR = 1
Frame Every Word
IRFS = 0
ITFS = 1
To implement the power-down mode, SLEN should be set to
1001 to issue an 8-bit SCLK burst.
The connection diagram is shown in Figure 17. The ADSP-21xx
has the TFS and RFS of the SPORT tied together, with TFS
set as an output and RFS set as an input. The DSP operates in
alternate framing mode and the SPORT control register is set
up as described. The frame synchronization signal generated on
the TFS is tied to
CS, and, as with all signal processing applica-
tions, equidistant sampling is necessary. However, in this example,
the timer interrupt is used to control the sampling rate of the
ADC, and, under certain conditions, equidistant sampling may
not be achieved.
CS
SCLK
SDATA
110
16
1
10
16
PART BEGINS
TO POWER UP
THE PART IS FULLY POWERED
UP WITH V IN FULLY ACQUIRED
INVALID DATA
VALID DATA
tPOWER-UP
A
Figure 15. Exiting Power-Down Mode
*This figure assumes a very short time to enter power-down mode. This will
increase as the burst of clocks used to enter the power down mode is
increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com