Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7453BRT-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7453BRT-R2
Description  Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453BRT-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7453BRT-R2 Datasheet HTML 12Page - Analog Devices AD7453BRT-R2 Datasheet HTML 13Page - Analog Devices AD7453BRT-R2 Datasheet HTML 14Page - Analog Devices AD7453BRT-R2 Datasheet HTML 15Page - Analog Devices AD7453BRT-R2 Datasheet HTML 16Page - Analog Devices AD7453BRT-R2 Datasheet HTML 17Page - Analog Devices AD7453BRT-R2 Datasheet HTML 18Page - Analog Devices AD7453BRT-R2 Datasheet HTML 19Page - Analog Devices AD7453BRT-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
–16–
AD7453
AD7453*
ADSP-21xx*
SCLK
DR
RFS
TFS
SCLK
SDATA
CS
*ADDITIONAL PINS REMOVED FOR CLARITY
Figure 17. Interfacing to the ADSP-21xx
The timer registers, etc., are loaded with a value that will provide
an interrupt at the required sample interval. When an interrupt
is received, a value is transmitted with TFS/DT (ADC control
word). The TFS is used to control the RFS and hence the reading
of data. The frequency of the serial clock is set in the SCLKDIV
register. When the instruction to transmit with TFS is given,
(i.e., AX0 = TX0), the state of the SCLK is checked. The DSP
will wait until the SCLK has gone high, low, and high before
transmission will start. If the timer and SCLK values are chosen
such that the instruction to transmit occurs on or near the rising
edge of SCLK, then the data may be transmitted or it may wait
until the next clock edge.
For example, the ADSP-2111 has a master clock frequency of
16 MHz. If the SCLKDIV register is loaded with the value 3,
then an SCLK of 2 MHz is obtained, and eight master clock
periods will elapse for every 1 SCLK period. If the timer regis-
ters are loaded with the value 803, then 100.5 SCLKs will occur
between interrupts and subsequently between transmit instruc-
tions. This situation will result in non-equidistant sampling as the
transmit instruction is occurring on an SCLK edge. If the num-
ber of SCLKs between interrupts is a whole integer figure of
N, then equidistant sampling will be implemented by the DSP.
AD7453 to TMS320C5x/C54x
The serial interface on the TMS320C5x/C54x uses a continuous
serial clock and frame synchronization signals to synchronize
the data transfer operations with peripheral devices like the
AD7453. The
CS input allows easy interfacing between the
TMS320C5x/C54x and the AD7453 without any glue logic
required. The serial port of the TMS320C5x/C54x is set up to
operate in burst mode with internal CLKX (Tx serial clock) and
FSX (Tx frame sync). The serial port control register (SPC)
must have the following setup: FO = 0, FSM = 1, MCM = 1
and TXM = 1. The format bit, FO, may be set to 1 to set the
word length to 8 bits in order to implement the power-down
mode on the AD7453. The connection diagram is shown in
Figure 18. It should be noted that for signal processing applica-
tions, it is imperative that the frame synchronization signal from
the TMS320C5x/C54x provide equidistant sampling.
AD7453*
TMS320C5x/
C54x*
CLKx
DR
FSx
FSR
SCLK
SDATA
CS
*ADDITIONAL PINS REMOVED FOR CLARITY
CLKR
Figure 18. Interfacing to the TMS320C5x/C54x
AD7453 to DSP56xxx
The connection diagram in Figure 19 shows how the AD7453
can be connected to the SSI (synchronous serial interface) of
the DSP56xxx family of DSPs from Motorola. The SSI is oper-
ated in synchronous mode (SYN bit in CRB = 1) with internally
generated 1-bit clock period frame sync for both Tx and Rx (Bit
FSL1 = 1 and Bit FSL0 = 0 in CRB). Set the word length to
16 by setting Bits WL1 = 1 and WL0 = 0 in CRA. To imple-
ment the power-down mode on the AD7453 the word length
can be changed to eight bits by setting Bits WL1 = 0 and WL0
= 0 in CRA. It should be noted that for signal processing
applications, it is imperative that the frame synchronization
signal from the DSP56xxx provide equidistant sampling.
AD7453*
DSP56xxx*
SCLK
SRD
SR2
SCLK
SDATA
CS
*ADDITIONAL PINS REMOVED FOR CLARITY
Figure 19. Interfacing to the DSP56xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com