Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7453BRT-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7453BRT-R2
Description  Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453BRT-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7453BRT-R2 Datasheet HTML 8Page - Analog Devices AD7453BRT-R2 Datasheet HTML 9Page - Analog Devices AD7453BRT-R2 Datasheet HTML 10Page - Analog Devices AD7453BRT-R2 Datasheet HTML 11Page - Analog Devices AD7453BRT-R2 Datasheet HTML 12Page - Analog Devices AD7453BRT-R2 Datasheet HTML 13Page - Analog Devices AD7453BRT-R2 Datasheet HTML 14Page - Analog Devices AD7453BRT-R2 Datasheet HTML 15Page - Analog Devices AD7453BRT-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. 0
–12–
AD7453
Figure 10 shows a graph of THD versus analog input frequency
for various supply voltages, while sampling at 555 kSPS with an
SCLK of 10 MHz. In this case the source impedance is 10
W.
INPUT FREQUENCY (kHz)
–90
10
TA = 25 C
VDD = 2.7V
VDD = 3.6V
VDD = 4.75V
VDD = 5.25V
100
277
–85
–80
–75
–70
–65
–60
–55
–50
Figure 10. THD vs. Analog Input Frequency for
Various Supply Voltages
DIGITAL INPUTS
The digital inputs applied to the AD7453 are not limited by the
maximum ratings that limit the analog inputs. Instead the digi-
tal inputs applied, i.e.,
CS and SCLK, can go to 7 V and are not
restricted by the VDD + 0.3 V limits as on the analog input.
The main advantage of the inputs not being restricted to the
VDD + 0.3 V limit is that power supply sequencing issues are
avoided. If
CS or SCLK are applied before V
DD, there is no risk
of latch-up as there would be on the analog inputs if a signal
greater than 0.3 V were applied prior to VDD.
REFERENCE SECTION
An external source is required to supply the reference to the
AD7453. This reference input can range from 100 mV to 3.5 V.
The specified reference is 2.5 V for the power supply range
2.7 V to 5.25 V. The reference input chosen for an application
should never be greater than the power supply. Errors in the
reference source result in gain errors in the AD7453 transfer func-
tion. A capacitor of at least 0.1
mF should be placed on the VREF
pin. Suitable reference sources for the AD7453 include the
AD780 and the ADR421. Figure 11 shows a typical connection
diagram for the VREF pin.
1
AD780
NC
8
2
VIN
NC
7
3
GND
6
4
TEMP
5
OPSEL
TRIM
VOUT
AD7453*
VREF
0.1 F
2.5V
NC
VDD
NC
0.1 F
10nF
0.1 F
VDD
*ADDITIONAL PINS OMITTED FOR CLARITY
NC = NO CONNECT
Figure 11. Typical VREF Connection Diagram for VDD = 5 V
SERIAL INTERFACE
Figure 1 shows a detailed timing diagram of the serial inter-
face of the AD7453. The serial clock provides the conversion
clock and also controls the transfer of data from the device
during conversion.
CS initiates the conversion process and
frames the data transfer. The falling edge of
CS puts the track-
and-hold into hold mode and takes the bus out of three-state.
The analog input is sampled and the conversion initiated at this
point. The conversion will require 16 SCLK cycles to complete.
Once 13 SCLK falling edges have occurred, the track-and-hold
will go back into track mode on the next SCLK rising edge, as
shown at Point B in Figure 1. On the 16th SCLK falling edge,
the SDATA line will go back into three-state.
If the rising edge of
CS occurs before 16 SCLKs have elapsed,
the conversion will be terminated and the SDATA line will go
back into three-state.
The conversion result from the AD7453 is provided on the
SDATA output as a serial data stream. The bits are clocked out
on the falling edge of the SCLK input. The data stream of the
AD7453 consists of four leading zeros, followed by 12 bits of
conversion data, provided MSB first. The output coding is
straight (natural) binary.
Sixteen serial clock cycles are required to perform a conversion
and to access data from the AD7453.
CS going low provides the
first leading zero to be read in by the microcontroller or DSP.
The remaining data is then clocked out on the subsequent SCLK
falling edges, beginning with the second leading zero. Thus the
first falling clock edge on the serial clock provides the second
leading zero. The final bit in the data transfer is valid on the
16th falling edge, having been clocked out on the previous (15th)
falling edge. Once the conversion is complete and the data has
been accessed after the 16 clock cycles, it is important to ensure
that, before the next conversion is initiated, enough time is left
to meet the acquisition and quiet time specifications—see the
timing example that follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com