Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7453BRT-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7453BRT-R2
Description  Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7453BRT-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7453BRT-R2 Datasheet HTML 9Page - Analog Devices AD7453BRT-R2 Datasheet HTML 10Page - Analog Devices AD7453BRT-R2 Datasheet HTML 11Page - Analog Devices AD7453BRT-R2 Datasheet HTML 12Page - Analog Devices AD7453BRT-R2 Datasheet HTML 13Page - Analog Devices AD7453BRT-R2 Datasheet HTML 14Page - Analog Devices AD7453BRT-R2 Datasheet HTML 15Page - Analog Devices AD7453BRT-R2 Datasheet HTML 16Page - Analog Devices AD7453BRT-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
–13–
AD7453
In applications with a slower SCLK, it may be possible to read
in data on each SCLK rising edge, i.e., the first rising edge of
SCLK after the
CS falling edge would have the leading zero
provided and the 15th SCLK edge would have DB0 provided.
Timing Example 1
Having FSCLK = 10 MHz and a throughput rate of 555 kSPS
gives a cycle time of
11 555 000
1 8
//
,
.
Throughput
s
==
m
A cycle consists of
tF
t
s
SCLK
ACQ
2
12 5 1
1 8
+
()+=
./
.
m
Therefore if t2 = 10 ns, then
10
12 5 1 18
1
540
ns
MHz
t
s
tns
ACQ
ACQ
+
()+=
=
./
m
This 540 ns satisfies the requirement of 290 ns for tACQ.
From Figure 12, tACQ comprises
25 1
8
./ Ft
t
SCLK
QUIET
()++
where t8 = 35 ns. This allows a value of 255 ns for tQUIET, satis-
fying the minimum requirement of 60 ns.
MODES OF OPERATION
The mode of operation of the AD7453 is selected by controlling
the logic state of the
CS signal during a conversion. There are
two possible modes of operation, normal mode and power-down
mode. The point at which
CS is pulled high after the conversion
has been initiated determines whether the AD7453 will enter
the power-down mode. Similarly, if already in power-down,
CS
controls whether the device will return to normal operation or
remain in power-down. These modes of operation are designed
to provide flexible power management options. These options
can be chosen to optimize the power dissipation/throughput rate
ratio for differing application requirements.
Normal Mode
This mode is intended for fastest throughput rate performance.
The user does not have to worry about any power-up times with
the AD7453 remaining fully powered up all the time. Figure 13
shows the general diagram of the operation of the AD7453 in
this mode. The conversion is initiated on the falling edge of
CS,
as described in the Serial Interface section. To ensure that the
part remains fully powered up,
CS must remain low until at least
10 SCLK falling edges have elapsed after the falling edge of
CS.
If
CS is brought high any time after the 10th SCLK falling edge,
but before the 16th SCLK falling edge, the part will remain pow-
ered up but the conversion will be terminated and SDATA will
go back into three-state. Sixteen serial clock cycles are required
to complete the conversion and access the complete conversion
result.
CS may idle high until the next conversion or may idle
low until sometime prior to the next conversion. Once a data
transfer is complete, i.e., when SDATA has returned to three-
state, another conversion can be initiated after the quiet time,
tQUIET, has elapsed by again bringing CS low.
1
10
CS
SCLK
SDATA
16
4 LEADING ZEROS + CONVERSION RESULT
Figure 13. Normal Mode Operation
Power-Down Mode
This mode is intended for use in applications where slower
throughput rates are required; either the ADC is powered down
between each conversion, or a series of conversions may be
performed at a high throughput rate and the ADC is then powered
down for a relatively long duration between these bursts of
several conversions. When the AD7453 is in power-down mode,
CS
SCLK
t2
t6
t8
tQUIET
t5
tCONVERT
12
345
13
14
15
16
tACQUISITION
12.5(1/FSCLK)
1/THROUGHPUT
10ns
Figure 12. Serial Interface Timing Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com