Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHF100JS6LE Datasheet(PDF) 3 Page - Exxelia Group

Part # 102SHF100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS6LE Datasheet(HTML) 3 Page - Exxelia Group

  102SHF100JS6LE Datasheet HTML 1Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 2Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 3Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 4Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 5Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 6Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 7Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 8Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
CERAMIC CAPACITORS
149
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 01/11
Super HiQ
SH Series
STANDARD RATINGS
Size
0402
0603
0505
0805
1206
1210
1111
Size code
L
S
A
F
N
T
B
L
0.039 ± 0.006
(1 ± 0.15)
0.063 ± 0.01
(1.6 ± 0.25)
0.055 ± 0.01
(1.4 ± 0.25)
0.08 ± 0.01
(2.03 ± 0.25)
0.125 ± 0.01
(3.18 ± 0.25)
0.125 ± 0.01
(3.18 ± 0.25)
0.110 ± 0.016
(2.80 ± 0.40)
W
0.02 ± 0.006
(0.5 ± 0.15)
0.032 ± 0.01
(0.8 ± 0.25)
0.055 ± 0.01
(1.4 ± 0.25)
0.05 ± 0.01
(1.27 ± 0.25)
0.062 ± 0.01
(1.58 ± 0.25)
0.095 ± 0.01
(2.41 ± 0.25)
0.110 ± 0.016
(2.80 ± 0.40)
T
0.02 max
(0.51 max)
0.036 max
(0.9 max)
0.056 max
(1.4 max)
0.05 max
(1.27 max)
0.05 max
(1.27 max)
0.06 max
(1.52 max)
0.103 max
(2.60 max)
e
0.01 ± 0.006
(0.25 ± 0.15)
0.014 ± 0.008
(0.35 ± 0.2)
0.01 ± 0.006
(0.25 ± 0.15)
0.02 ± 0.012
(0.5 ± 0.3)
0.02 ± 0.01
(0.5 ± 0.25)
0.02 ± 0.01
(0.5 ± 0.25)
0.016 ± 0.010
(0.40 ± 0.25)
Value (pF)
Cap. Code
Standard
Standard
Standard
Standard
Standard
Standard
Standard
Extended
0.1
0R1
0.2
0R2
50 - 250V
250V
250V
0.3
0R3
250V
500V
1,500V
0.4
0R4
0.5
0R5
500V
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1.0
1R0
500V
1.1
1R1
1.2
1R2
1.3
1R3
1.4
1R4
1.5
1R5
1.6
1R6
1.7
1R7
1.8
1R8
1.9
1R9
2.0
2R0
2.1
2R1
2.2
2R2
2.4
2R4
2.7
2R7
3.0
3R0
3.3
3R3
3.6
3R6
50 - 200V
3.9
3R9
4.3
4R3
4.7
4R7
5.1
5R1
5.6
5R6
6.2
6R2
6.8
6R8
7.5
7R5
8.2
8R2
9.1
9R1
10
100
11
110
12
120
15
150
16
160
18
180
20
200
22
220
24
240
27
270
30
300
25 - 50V
33
330
36
360
39
390
43
430
47
470
51
510
200V
200V
56
560
62
620
68
680
75
750
82
820
91
910
100
101
110
111
150V
R12N Series
(See page 26)
100V
200V
120
121
300V
1,000V
130
131
150
151
160
161
180
181
200
201
220
221
240
241
100V
200V
600V
270
271
300
301
330
331
360
361
390
391
430
431
470
471
510
511
100V
300V
560
561
620
621
50V
R12N Series
(See page 26)
680
681
50V
750
751
820
821
910
911
1,000
102
Special values, tolerances, higher WVDC and matching available, please consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com