Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHF100JS6LE Datasheet(PDF) 13 Page - Exxelia Group

Part # 102SHF100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS6LE Datasheet(HTML) 13 Page - Exxelia Group

Back Button 102SHF100JS6LE Datasheet HTML 9Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 10Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 11Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 12Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 13Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 14Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 15Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 16Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 17Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
CERAMIC CAPACITORS
129
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 06/20
II.2. Series Combinations
To deal with a higher operating voltage, one can use combinations of HiQ ceramic ca-
pacitors in series, within the same dielectric die or using separate entities – voltage
rating multiplied.
II.3. Matched Sets
To achieve non-standard total capacitance values or ultra-tight tolerances, EXXELIA can
match capacitors using computer specific software. Another use of matched sets is
to reduce the overall purchasing costs; when several capacitors are used in parallel,
a given tight tolerance can still be obtained on the final assembly while using wider
tolerance single chips.
III. GUIDELINES
Several factors have to be considered when designing high RF power applications and
these factors are in fact all linked to the overall thermal management of the entire de-
sign.
III.1. Influence of ESR
The capacitors with ultra-low ESR provide a higher maximum current for power dissi-
pation limited operating conditions – as Ip = ƒ(
1
)
ESR
– allowing the overall design to
handle more RF power. Of course, the dissipation factor characteristics also have to be
compliant with this increased power.
In the example below, a 300W CW module at 350MHz is pushed above its limits to em-
phasize the importance of ESR.
In the same conditions, several capacitor types are monitored as DUT and the results
are shown below:
III.2. Influence of Magnetism
The choice of Power Capacitor Solutions in high magnetic field environment is critical.
EXXELIA has conducted several tests with both his final customers and external labo-
ratories to extend his knowledge and develop better solutions. These solutions play a
major role in reducing the overall system temperature. Please contact EXXELIA for any
further information.
III.3. Generic Comments
The main guidelines to lower the overall thermal load on the design are listed hereafter:
The thermal conductivity of all devices involved as well as board trace dimensions
and material thickness have to be evaluated;
The main part of the heat transfer is achieved by thermal conduction. Actually,
around 80% of the power is dissipated by conduction, 15% by convection and 5% by
radiation. Therefore, the greater part of heat transfer is through the terminations of
the capacitors. In order to further improve the thermal path of a porcelain capacitor,
one should use leads such as non-magnetic micro-strip silver ribbons. The leads
also offer another advantage: when the thermal expansion coefficients of the ca-
pacitor and the board are mismatched, they may act as a mechanical strain relief;
To avoid reducing drastically the thermal conductivity at some specific locations
within the circuit, one should avoid reducing the width of the board trace and using
wires;
Heat sinks and blown cool air will also help to reduce the additional sources of heat
generated by passive components, FETs and active gain blocks;
Paschen’s law defines the voltage rating for a given pressure. Therefore, depending
on the operating conditions, the pressure parameter has to be considered (coating,
voltage safety margin...);
Using Power Capacitor Solutions with parallel combinations will extend the RF pow-
er handling. For instance, N capacitors in parallel will led approximately to an ESR
which is N-times lower than the one of a single capacitor, thus increasing the maxi-
mum current handling capability by a factor of
dN.
IV. CONCLUSION
This article has described the major factors to consider while designing a Power Ca-
pacitor Solution for high RF power applications. The benefits of using Power Capacitor
Solutions are numerous: high RF power, enhanced reliability with pre-tests, ultra-low
ESR, reduced costs with matched sets, availability of specific capacitance values and
tolerances, fewer assembly stages, customized styles...
To ensure the highest level of reliability in high RF power designs, factors such as heat
transfer, maximum voltage and current ratings, thermal characteristics of the circuit
devices and ways to remove the heat should be taken into account.
EXXELIA designs Application-Specific Solutions based on parallel and series combina-
tions of designer-acclaimed capacitors. Customer requirements are addressed by com-
puter matching sets, a wide range of mechanical configurations, a protective coating
and adapted ribbons or wires which have enabled EXXELIA to extend overall perfor-
mance while decreasing the total cost of ownership.
EXXELIA - by knowing the ESR and power dissipation of its capacitors at the application
operating frequencies - helps the designers by simulating the thermal behavior of the
assembly and proposing the optimum Power Capacitor Solution.
Ref
[1] Thermal Conductivity wikipédia
[2] Cours de thermique P.ROUX (2016)
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com