Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHF100JS6LE Datasheet(PDF) 10 Page - Exxelia Group

Part # 102SHF100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS6LE Datasheet(HTML) 10 Page - Exxelia Group

Back Button 102SHF100JS6LE Datasheet HTML 6Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 7Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 8Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 9Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 10Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 11Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 12Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 13Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 14Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CERAMIC CAPACITORS
126
www.exxelia.com
info@exxelia.com
Taping : dimensions
Page revised 06/20
POWER CAPACITOR SOLUTIONS
ULTRA-LOW ESR, HIGH RF POWER
In the RF world, one trend that continues to gain momentum is the need for higher RF
output power in amplifier modules and systems. Associated to a growing demand for
reduced unit size, the task for the designers and the component manufacturers is chal-
lenging.
First of all, the systems have to deal with higher RF power. At the component level, this
means that a particular function which required only a single component previously
has now to evolve to a sub-system made of several components to handle the total
amount of power.
Example of capacitor Module
Example of X-Rays analysis
Moreover, the reduction of the unit size led to higher operating temperatures, adding se-
vere requirements on the components. They have to survive higher temperatures, be-
ing able to dissipate the generated heat – small packages produce much higher power
densities – maintain their performances among huge operating temperature variations
and offer mechanical flexibility to accept significant PCB thermal expansion.
Now, when coming to the capacitor world, these new needs will affect the “single-chip”
standard model. For instance, when one capacitor was enough to ensure the matching
of a 100 W RF transistor, the recent 1’000W transistors need “n” capacitors, even some-
times with an increased size.
In order to get a better understanding of these new requirements and to study the
“n-chip” model, we will first look at the key parameters of high RF power systems. Then,
depending on the key parameter(s) considered, we will see which Power Capacitor
Solution is best-tailored to the designer needs.
I. HIGH RF POWER
I.1. Voltage Rating
Maximum voltage ratings for ceramic capacitors (WVDC) are linked to two factors:
strength of the dielectric and Paschen’s law. The strength of the dielectric provides a
maximum voltage breakdown and the Paschen’s law provides another maximum volt-
age above which the air around the chip arcs.
Strength of Dielectric
Paschen’s Law
The voltage rating of the ceramic capacitor is then defined as the lowest value when
considering both limitations.
I.1.1. Dielectric Strength
The capacitor maximum voltage rating is determined predominantly by the dielectric
strength or voltage breakdown characteristics. For instance, porcelain dielectrics ex-
hibit a breakdown voltage that typically exceeds 1’000 kVDC/inch of dielectric thickness.
Material
Dielectric Strength (kV/inch)
Vacuum
20
Air
20 to 75
Porcelain
40 to 200
Glass
2'000 to 3'000
Mica
5'000
For multilayer capacitors for instance, this means that one particular layer of standard
dielectric – let’s consider a theoretical 5 mils thick layer – will not crack until the voltage
exceeds a value around 5’000 VDC. In order to achieve even higher voltage ratings, spe-
cific internal electrode designs are used to split the voltage.
I.1.2. Paschen’s Law
In 1889, F. Paschen published a paper (Wied. Ann., 37, 69) which set out what has be-
come known as Paschen’s Law. The law essentially states that the breakdown charac-
teristics of a gap are a function (generally not linear) of the product of the gas pressure
and the gap length, usually written as V= f(pd), where p is the pressure (in Torr) and d
is the gap distance (in cm):
V =
365 x p x d
1.18 + In(p x d) (1)
Note: 1 bar = 100’000 Pa = 750 Torr = 14.5 psi.
For instance, if we consider an E-type capacitor (CLE series with an EIA chip size of
4040), the length between the two terminations (“L” as shown below) is around
10.50 mm.
This means, using the Paschen’s law (p=750 Torr; d=1.05 cm), that if the voltage across
such equivalent air gap exceeds 36’600Vdc, an electric arc would be created. However,
when dealing with the gap between the two capacitor terminations, another parameter
has to be considered. Actually, as the dielectric material is charged, there is an ioniza-
tion of air which influences the Paschen’s law. Therefore, for the capacitor considered
in this example, a voltage around 10’000 VDC will probably create a short circuit on the
capacitor external surface (carbon residues from the arcing). Moreover, the electric arc
itself could damage nearby components.
For applications where very high voltages are needed, a specific coating would be ap-
plied on the capacitor, thus covering both terminations. In this case, the gap itself disap-
pears and no electric arc could occur.
I.2. Current Rating
The current rating assigned to a capacitor is stated in one of two ways: voltage limited or
power dissipation limited. The rating that applies depends on the capacitance value and
operating frequency. The voltage limited area is based on the voltage rating. The power
dissipation limited area is based on the ability of the capacitor to dissipate the heat. The
current rating of the ceramic capacitor is then the lowest value.
I.2.1. Voltage Limit
The maximum current for the voltage limited operating condition is directly proportional
to the capacitor voltage rating and the impedance:
IVm = WVDC x √2 / Z
(2)
(3)
Z =
√ESR2+(Lq –1/Cq)2
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com