Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHF100JS6LE Datasheet(PDF) 7 Page - Exxelia Group

Part # 102SHF100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS6LE Datasheet(HTML) 7 Page - Exxelia Group

Back Button 102SHF100JS6LE Datasheet HTML 3Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 4Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 5Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 6Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 7Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 8Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 9Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 10Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 11Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CERAMIC CAPACITORS
123
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 06/20
The plot of the theoretical expression (5) of the impedance of a Single Layer
Capacitor is shown in Fig. 8. As one can see, this theoretical curve predicts
a double infinity of self-resonant frequencies (alternances of serial and
parallel resonances) that are identical to the ones encountered in real world
measurements.
Consequently, for predicting and understanding the behavior or a capacitor at
frequencies that are close or above the first SRF, the lumped model (shown
in Fig. 1) is not applicable and must be replaced by the distributed model or
transmission line model (shown in Fig. 7).
Furthermore, according to [1], the transmission line model predicts accurately
that the serial or parallel self-resonances are doubled when a capacitor chip
is mounted with its internal electrodes oriented vertically (once again, it is
impossible to predict such a phenomenon with the lumped model).
If now we take a closer look at a capacitor used as a coupling capacitor in a
wide band application, it is evident when looking at fig. 8 that the coupling
function will be correctly fulfilled at frequencies close to the serial resonant
frequencies, since the capacitor’s impedance is very low.
Conversely, the contrary will be encountered at the parallel resonant
frequencies since the capacitor’s impedance is very high and consequently
the coupling function is not fulfilled.
Therefore in the application we must avoid to be at PRF. The High ESR may
involve power loss and increase of internal temperature, since:
∆T
RTH
P =
(stationary state) (7)
P = ESR I2 (6)
The temperature increase is therefore:
∆T = ESR I2 RTH (8)
Where Rth is the thermal resistance of the capacitor with the PCB.
At first glance, equations (6), (7) & (8) confirm an increase of the internal
temperature, but a closer look at these equations reveals that this temperature
rise takes place only if the current I is constant. The problem is that in real
applications the power source is rarely a pure current generator. More often
than none, the power source is the dual of a current generator ie. a pure voltage
generator. In the case of a circuit powered by a pure voltage generator, the
contrary of the preceding behavior will be encountered at PRF since, as the
capacitor’s impedance is very high, the current I is very low and consequently,
according to (6), (7) & (8) the temperature rise is not obvious or may be a
temperature fall.
From these considerations, one can draw the conclusion that when a coupling
capacitor is used at its PRF, for predicting an eventual temperature rise it is
also mandatory to know for the PRF the behavior of the generator and the load
between which the coupling capacitor is serially inserted.
In other words, the coupling capacitor is not the only cause of a temperature
rise and consequently, the characteristics of the whole circuitry must be well
known and understood prior to investigate the reasons of a temperature rise.
0
0
10
Frequency (GHz)
15
20
25
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
S11m
(2.62, 0.00)
Figure 4: S11curve for a 251SHF150 from EXXELIA ABC software
0
0.2
0.4
0.6
0.8
1
0
10
5
Frequency (GHz)
15
20
25
1.2
S21m
(3.64,0.26)
Figure 5: S21curve for a 251SHF150 from EXXELIA ABC software
0.01
0
10
5
Frequency (GHz)
15
20
25
1000
100
10
1
0.1
ESR
(3.64, 283.79)
Figure 6: ESR curve for a 251SHF150 from EXXELIA ABC software
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com