Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHF100JS6LE Datasheet(PDF) 9 Page - Exxelia Group

Part # 102SHF100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS6LE Datasheet(HTML) 9 Page - Exxelia Group

Back Button 102SHF100JS6LE Datasheet HTML 5Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 6Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 7Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 8Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 9Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 10Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 11Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 12Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 13Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CERAMIC CAPACITORS
125
info@exxelia.com
www.exxelia.com
General characteristics
Page revised 06/20
III.1. Failure Rate Level
The summary of all collected data gives the following results:
• cumulative unit hours in millions: 9.27;
• cumulative unit hours in millions with acceleration factor: 74.16;
• number of defects: 1.
We consider a single sampling plan based on a 90 percent confidence level:
FRSP-90. For this FR sampling plan, MIL-STD- 690D gives the following criteria:
FR Level Symbol
Qualified FR Level
(% per 1,000 hours)
Number of Failures
Permitted
C
non-ER
N/A
M
1.0
1 over 0.389M hours
P
0.1
1 over 3.89M hours
R
0.01
1 over 38.9M hours
S
0.001
1 over 389M hours
EXXELIA Temex therefore complies with the requirements of C, M, P and R
failure rate levels.
S failure rate level according to European Space Agency specifications
3009/035 and 3009/036.
III.2. Mean Time To Failure
MTTF is the basic measure of reliability for non-repairable items. It is analogous
to the more familiar MTBF (Mean Time Between Failures) used for systems
which can be repaired and placed back in service after failure occurs. FR levels
may be converted to mean time to failure (MTTF) as follows:
MTTF =
, in failure per 106 hours
100 000
FR___level
III.3. Unit Hour Requirement
A complete Poisson distribution table is needed to compute unit hours. To
calculate unit hours with a given number “C” of permitted failures (we are
considering 1 permitted failure) we first have to determine the probability of
acceptance P a by subtracting the FRSP value (0.90 as we have selected a
confidence level of 90%) from 1.
Example: Pa = 1 – 0.90 = 0.10
From Poisson’s table and for a Failure Rate level M, we find for the parameters
“C” and Pa equal respectively to 1 and 0.10 the corresponding “m” value of
3.89; this “m” value in the table is the total of failure rate l multiplied by the
time (test hours).
M = l x t
unit hours = m ÷ l (1%/1,000hours as we are working with FR level M)
unit hours = 3.89 ÷ 0.00001 = 0.389 million hours (around 45 years)
Values for P, R and S levels are found by multiplying the previous level by 10.
IV. PART FAILURE RATE
The Part Failure Rate as defined by MIL-HDBK- 217F is given by the following
formula:
lp = lb. pCV. pQ. pE
where:
• lb is the Base Failure Rate;
•
pCV is the Capacitance Factor;
•
pQ is Quality Factor;
•
pE is the Environment Factor.
The Part Failure Rate, considering the capacitor series meet the required
FR level, gives the number of failures per 106 hours. In MIL-HDBK-217F, the
values for all these parameters are given under Capacitors, Fixed, Ceramic,
Temperature Compensating and Chip paragraph. The CDR style as described
by MIL-PRF-55681F is taken into account and corresponds to EXXELIA CHA and
CHB sizes.
IV.1. Quality Factor
The Quality Factor depends on the FR level. If we consider the three FR levels
defined previously for EXXELIA multilayer capacitors, the given factors are:
Symbol
Product Level
pQ
C
non-ER
3.0
M
1.0 % per 1,000 hours
1.0
P
0.1 % per 1,000 hours
0.3
IV.2. Environment Factor
All part reliability models include the effects of environmental stresses
through the Environmental Factor. The descriptions of these environments are
shown below and encompass the major areas of equipment use
Environment
Description
pE
GB : Ground, Benign
Non-mobile, temperature and humidity controlled envi-
ronments readily accessed to maintenance; includes
laboratory instruments and test equipment, medical
electronic equipment, business and scientific comput-
er complexes, and missiles and support equipment in
ground silos.
1.0
GF : Ground, Fixed
Moderately controlled environments such as installa-
tion in permanent racks with adequate cooling air and
possible installation in unheated buildings; includes
permanent installation of air traffic control radar and
communications facilities.
2.0
GM : Ground, Mobile
Equipment installed on wheeled or tracked vehicles and
equipment manually transported; includes tactical mis-
sile ground support equipment, mobile communication
equipment, tactical fire direction systems, handheld
communications equipment, laser designations and
range finders.
10.0
IV.3. Part Failure Rate Calculation
The part failure rate calculated as specified in MIL-HDBK-217F provides a more
accurate result than the standard failure rate given by a particular FR level.
The two main parameters are the FR level achieved by the standard process –
Quality Factor - and the application where the part will be used – Environment
Factor. Specific study could be made on request based on customer’s
requirements and equipments.
General Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com