Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHF100JS6LE Datasheet(PDF) 26 Page - Exxelia Group

Part # 102SHF100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS6LE Datasheet(HTML) 26 Page - Exxelia Group

Back Button 102SHF100JS6LE Datasheet HTML 22Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 23Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 24Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 25Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 26Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 27Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 28Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 29Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 30Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
CERAMIC CAPACITORS
8
www.exxelia.com
info@exxelia.com
Page revised 06/20
Taping : dimensions
MLCC STRUCTURE
Terminations
Ceramic
Tin
Tin / Lead
Gold
(Solderable layer)
Electrodes
Margins
Silver or Silver / Palladium (electrodes contact layer)
Polymer (crack protection layer)
Nickel or Copper barrier (leaching protection layer)
EQUIVALENT CIRCUIT
Capacitor is a complex component combining resistive, inductive and capaci-
tive phenomena. A simplified schematic for the equivalent circuit is:
Ls
Rs
C
IR
DIELECTRIC CHARACTERISTICS
Insulation Resistance (IR) is the resistance measured under DC voltage
across the terminals of the capacitor and consists principally of the parallel
resistance shown in the equivalent circuit. As capacitance values and hence
the area of dielectric increases, the IR decreases and hence the product (C x
IR) is often specified in Ω.F or MΩ.
µF.
The Equivalent Series Resistance (ESR) is the sum of the resistive terms
which generate heating when capacitor is used under AC voltage at a given
frequency (f).
Dissipation factor (DF) is the ration of the apparent power input will turn to
heat in the capacitor:
DF = 2π f C ESR
When a capacitor works under AC voltage, heat power loss (P), expressed in
Watt, is equal to:
P = 2π f C Vrms2 DF
The series inductance (Ls) is due to the currents running through the elec-
trodes. It can distort the operation of the capacitor at high frequency where the
impedance (Z) is given as:
Z = Rs + j (Ls.q - 1⁄(C.q)) with q = 2πf
When frequency rises, the capacitive component of capacitors is gradually
canceled up to the resonance frequency, where :
Z = Rs and LsC.q2 = 1
Above this frequency the capacitor behaves like an inductor.
P100
NPO
N2200 (C4xx)
BX
2C1
X7R
Dielectric material
Porcelain
Magnesium titanate or Neodynium
baryum titanate
Barium zirconate
titanate
Baryum titanate (BaTiO3)
Dielectric constant
15 – 18
20 – 85
450
2,000 – 5,000
Electrode technology
PME (Precious Metal Electrodes): Ag/Pd
Capacitance variation between –55°C
and +125/°C without DC voltage
(100±30)ppm/°C
(0±30)ppm/°C
(–2,200±500)
ppm/°C
±15%
±20%
±15%
Capacitance variation between –55°C
and +125/°C with DC rated voltage
0 -15%
15% –25%
20% –30%
Not
applicable
Piezo-electric effect
None
None
Yes
Dielectric absorption
None
Few %
Few %
Thermal shock sensitive
+
+
++
Ceramic Capacitors Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com