Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

102SHF100JS6LE Datasheet(PDF) 22 Page - Exxelia Group

Part # 102SHF100JS6LE
Description  Super HiQ
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

102SHF100JS6LE Datasheet(HTML) 22 Page - Exxelia Group

Back Button 102SHF100JS6LE Datasheet HTML 18Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 19Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 20Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 21Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 22Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 23Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 24Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 25Page - Exxelia Group 102SHF100JS6LE Datasheet HTML 26Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
CERAMIC CAPACITORS
4
www.exxelia.com
info@exxelia.com
Page revised 06/20
Taping : dimensions
General Information
MATERIALS EXPERT
For 50 years and as a market leader, EXXELIA’s comprehensive knowledge of
the materials properties and performances have enabled us to design capaci-
tors in Porcelain, NPO, BX, 2C1, BP, X7R and –2200ppm/°C ceramics.
CUSTOM DESIGNS
Our catalog products don’t meet your application?
Based on the valuable experience accumulated over the design of 2,000+ spe-
cific ceramic capacitors, you can trust EXXELIA to define a qualitative custom
solution in a time effective manner.
NO OBSOLESCENCE
Choosing a standard or custom EXXELIA product means you won’t have to wor-
ry about obsolescence.
TYPICAL APPLICATIONS
• Aerospace & Defense: cockpit panels, flight control, radio systems, missile
guidance systems…
• Space: military and commercial satellites, launcher…
• Medical: MRI, external defibrillators, implantable devices…
• Telecommunications: base stations…
• Oil and gas: drilling tools, MWD, LWD, wellheads…
ISO 9001 AND AS9100C
Quality is at the core of Exxelia’s corporate culture. Each sites has its own cer-
tifications.
CERTIFICATIONS
Capacitors manufactured by EXXELIA comply with American and European
standards and meet the requirements of many international standards.
For Space qualified parts (ESA QPL), please refer to our catalog «Ceramic ca-
pacitors for Space applications».
QUALITY & RELIABILITY
EXXELIA is committed to design and manufacture high quality and reliability
products. The test cycles reproducing the most adverse operating conditions
over extended periods (up to 10 000 hours) have logged to date well over 5.109
hours/°Component.
Failure rate data can be provided upon request.
CONFLICT MINERALS
EXXELIA is committed to an approach based on «Conflict Minerals Compli-
ance». This US SEC rule demands complete traceability and a control mecha-
nism for the mineral procurement chain, encouraging importers to buy only
«certified» ore.
We have discontinued relations with suppliers that procure from the Demo-
cratic Republic of the Congo or an adjoining country.
ENVIRONMENT
EXXELIA is committed to applying a robust environmental policy, from product
design through to shipment. To control its environmental footprint and recon-
cile this with the company’ functional imperatives, our environmental policy
provides for the reduction or elimination of hazardous substances. We also
focus on compliance with European Union directives and regulations, notably
REACH and RoHS.
RoHS COMPLIANCY
SMD CAPACITORS
The capacitor terminations are generally protected by a nickel barrier formed
by electrolytic deposit. This barrier gives chip capacitors leaching performance
far exceeding the requirements of all applicable standards. The nickel barrier
guarantees a minimum resistance to soldering heat for a period of 1 minute at
260°C in a tin-lead (60/40) or tin-lead-silver (62/36/2) bath without noticeable
alteration to the solderability. It also allows repeated soldering-unsoldering
and the longer soldering times required by reflow techniques.
However nickel barrier amplifies thermal shock and is not recommended for
chip sizes equal or greater than CNC Y (30 30) - (C 282 to C 288 - CNC 80 to
CNC 94).
LEADED COMPONENTS
As well as for SMD products, leaded capacitors ranges can also be RoHS. These
products, which are characterized by the suffix «W» added to the commercial
type, are naturally compatible with the soldering alloys used in RoHS mounting
technology. The connections coating is generally an alloy SnAg (with a maxi-
mum of 4% Ag). However, on a few products that EXXELIA will precise on re-
quest, the coating is pure silver.
10 - 60 µm
Metallization
Silver-Palladium (or Silver)
Nickel barrier
Tinning:
Tin-Lead No RoHs
Pure Tin RoHS (W)
CerUflex (polymer)
2 - 3 µm
3 - 8 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com