Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC3055N Datasheet HTML 2Page - STMicroelectronics STLC3055N Datasheet HTML 3Page - STMicroelectronics STLC3055N Datasheet HTML 4Page - STMicroelectronics STLC3055N Datasheet HTML 5Page - STMicroelectronics STLC3055N Datasheet HTML 6Page - STMicroelectronics STLC3055N Datasheet HTML 7Page - STMicroelectronics STLC3055N Datasheet HTML 8Page - STMicroelectronics STLC3055N Datasheet HTML 9Page - STMicroelectronics STLC3055N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
STLC3055N
6/25
The off-hook threshold in HI-Z mode is the same value as programmed in ACTIVE mode.
The DC characteristic in HI-Z mode is just equal to the self generated battery with 2x(1600
Ω+Rp) in series
(see fig. 4), where Rp is the external protection resistance.
No AC transmission is possible in this mode.
Figure 4. DC Characteristic in HI-Z Mode.
3.2.3 Active
3.2.3.1 DC Characteristics & Supervision
When this mode is selected the STLC3055N provides both DC feeding and AC transmission.
The STLC3055N feeds the line with a constant current fixed by RLIM (20mA to 40mA range). The on-hook
voltage is typically 40V allowing on-hook transmission; the self generated Vbat is -50V typ.
If the loop resistance is very high and the line current cannot reach the programmed constant current feed
value, the STLC3055N behaves like a 40V voltage source with a series impedance equal to the protection
resistors 2xRp (typ. 2x50
Ω). Fig. 5 shows the typical DC characteristic in ACTIVE mode.
Figure 5. DC Characteristic in ACTIVE Mode
The line status (on/off hook) is monitored by the SLIC’S supervision circuit. The off-hook threshold can
be programmed via the external resistor RTH in the range from 5mA to 9mA.
Independently on the programmed constant current value, the TIP and RING buffers have a current
source capability limited to 80mA typ. Moreover the power available at Vbat is controlled by the DC/DC
converter that limits the peak current drawn from the Vpos supply. The maximum allowed current peak is
set by RSENSE resistor.
3.2.3.2 AC Characteristics
The SLIC provides the standard SLIC transmission functions:
Once in active mode the SLIC can operate with two different Tx, Rx Gain. Setting properly by the Gain set
Vbat
IL
VL
Vbat (-50V)
2x(R1+Rp)
Slope: 2x(R1+Rp)
(R1=1600ohm)
IL
Ilim
VL
Vbat (-50V)
10V
2Rp
(20 to
40mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com