Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 15 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STLC3055N Datasheet HTML 11Page - STMicroelectronics STLC3055N Datasheet HTML 12Page - STMicroelectronics STLC3055N Datasheet HTML 13Page - STMicroelectronics STLC3055N Datasheet HTML 14Page - STMicroelectronics STLC3055N Datasheet HTML 15Page - STMicroelectronics STLC3055N Datasheet HTML 16Page - STMicroelectronics STLC3055N Datasheet HTML 17Page - STMicroelectronics STLC3055N Datasheet HTML 18Page - STMicroelectronics STLC3055N Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15/25
STLC3055N
G24f
TX gain variation vs. freq.
rel. 1020Hz; 0dBm,
300 to 3400Hz,
ACTIVE N. P., RL = 600
Ω (*)
-0.12
0.12
dB
G24f
RX gain variation vs. freq.
rel. 1020Hz; 0dBm,
300 to 3400Hz,
ACTIVE N. P., RL = 600
Ω (*)
-0.12
0.12
dB
V2Wp
Idle channel noise at line 0dB
gainset
psophometric filtered
ACTIVE N. P., RL = 600
Ω (*)
Tamb = 0 to +85°C
-73
-68
dBmp
V2Wp
Idle channel noise at line 0dB
gainset
psophometric filtered
ACTIVE N. P., RL = 600
Ω (*)
Tamb = -40 to +85°C
-68
dBmp
V4Wp
Idle channel noise at line 0dB
gainset
psophometric filtered
ACTIVE N. P., RL = 600
Ω (*)
Tamb = 0 to +85°C
-75
-70
dBmp
V4Wp
Idle channel noise at line 0dB
gainset
psophometric filtered
ACTIVE N. P., RL = 600
Ω (*)
Tamb = -40 to +85°C
-75
dBmp
Thd
Total Harmonic Distortion
ACTIVE N. P., RL = 600
Ω (*)
-44
dB
VTTX
Metering pulse level on line
ACTIVE - TTX; Gain Set = 1
Zl = 200
Ω fttx = 12kHz;
260
340
mVrms
CLKfreq
CLK operating range
-10%
125
10%
kHz
(*) RL: Line Resistance
RING
Vring
Line voltage
RING D2 toggling @ fr = 25Hz
Load = 3REN;
Crest Factor = 1.25
1REN = 1800
Ω + 1.0µF
Tamb = 0 to +85°C
45
49
Vrms
Vring
Line voltage
RING D2 toggling @ fr = 25Hz
Load = 3REN;
Crest Factor = 1.25
1REN = 1800
Ω + 1.0µF
Tamb = -40 to +85°C
44
48
Vrms
DETECTORS
IOFFTHA
Off/hook current threshold
ACT. mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
10.5
mA
ROFTHA
Off/hook loop resistance
threshold
ACT. mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
3.4
k
Ω
IONTHA
On/hook current threshold
ACT. mode, RTH = 32.4k
Ω 1%
(Prog. ITH = 9mA)
6mA
4
ELECTRICAL CHARACTERISTICS
Test conditions: Vpos = 6.0V, AGND = BGND, Normal Polarity, Tamb = 25°C.
External components as listed in the "Typical Values" column of EXTERNAL COMPONENTS Table.
Note: Testing of all parameter is performed at 25°C. Characterisation as well as design rules used allow
correlation of tested performances at other temperatures. All parameters listed here are met in the oper-
ating range: -40 to +85°C.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com