Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC3055N Datasheet HTML 8Page - STMicroelectronics STLC3055N Datasheet HTML 9Page - STMicroelectronics STLC3055N Datasheet HTML 10Page - STMicroelectronics STLC3055N Datasheet HTML 11Page - STMicroelectronics STLC3055N Datasheet HTML 12Page - STMicroelectronics STLC3055N Datasheet HTML 13Page - STMicroelectronics STLC3055N Datasheet HTML 14Page - STMicroelectronics STLC3055N Datasheet HTML 15Page - STMicroelectronics STLC3055N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
STLC3055N
12/25
Table 12. External Components @Gain Set = 1
(1) In case Zs=Zl, ZA and ZB can be replaced by two resistors of same value: RA=RB=|Zs|.
(2) In this case CTTX is just operating as a DC decoupling capacitor (fp=100Hz).
(3) Defining ZTTX as the impedance of RTTX in series with CTTX, RTTX and CTTX can also be calculated from the following formula:
ZTTX=50*(Zlttx+2Rp).
(4) CVpos should be defined depending on the power supply current capability and maximum allowable ripple.
(5) For low ripple application use 2x47
µ F in parallel.
(6) Can be saved if proper PCB layout avoid noise coupling on RD pin (high impedance input).
(7) RF1 sets the self generated battery voltage in RING and ACTIVE(Il=0) mode as follows:
VBATR should be defined considering the ring peak level required (Vringpeak=VBATR-6V typ.).
The above relation is valid provided that the Vpos power supply current capability and the RSENSE programming allow to source all the
current requested by the particular ringer load configuration.
(8) For high efficiency in HI-Z mode coil resistance @125kHz must be < 3
Ω
Name
Function
Formula
Typ. Value
CCOMP
AC feedback loop compensation
fo = 250kHz
CCOMP = 1/(2
π⋅fo⋅100⋅(RP))
120pF 10% 10V @ Rp = 50
Ω
CH
Trans-Hybrid Loss frequency
compensation
CH = CCOMP
120pF 10% 10V
RTTX (3)
Pulse metering cancellation resistor
RTTX = 50Re (Zlttx+2Rp)
15k
Ω @Zlttx = 200Ω real
CTTX (3) Pulse metering cancellation
capacitor
CTTX = 1/{50
⋅2π⋅fttx[-lm(Zlttx)]}
100nF 10% 10V (2)
@ Zlttx = 200
Ω real
RLV
Pulse metering level resistor
RLV = 63.3·103··
α·VLOTTX
α = (|Zlttx + 2Rp|/|Zlttx|)
16.2k
Ω @ VLOTTX = 170mVrms
CS
Pulse metering shaping capacitor
CS =
τ/(2⋅RLV)
100nF 10% 10V
@
τ = 3.2ms, RLV = 16.2kΩ
CFL
Pulse metering filter capacitor
CFL = 2/(2
π⋅fttx⋅RLV)
1.5nF 10% 10V
@fttx = 12kHz RLV = 16.2k
Ω
Name
Function
Formula
Typ. Value
RS
Protection resistance image
RS = 25
⋅ (2Rp)
2.55k
Ω @ Rp = 50Ω
ZAC
Two wire AC impedance
ZAC = 25
⋅ (Zs - 2Rp)
12.5k
Ω 1% @ Zs = 600Ω
ZA (1)
SLIC impedance balancing
network
ZA = 25
⋅ Zs
15k
Ω 1% @ Zs = 600Ω
ZB (1)
Line impedance balancing
network
ZB = 25
⋅ Zl
15k
Ω 1% @ ZI = 600Ω
CCOMP
AC feedback loop compensation
fo = 250kHz
CCOMP = 2/(2
π⋅fo⋅100⋅(RP))
220pF 10% 10VL @ Rp = 50
Ω
CH
Trans-Hybrid Loss frequency
compensation
CH = CCOMP
220pF 10% 10V
RTTX (3)
Pulse metering cancellation
resistor
RTTX = 25Re (Zlttx+2Rp)
7.5k
Ω @Zlttx = 200Ω real
CTTX (3) Pulse metering cancellation
capacitor
CTTX = 1/25
⋅2π⋅fttx⋅[-lm(Zlttx)]
100nF 10% 10V (2)
@ Zlttx = 200
Ω real
RLV
Pulse metering level resistor
RLV = 31.7·103··
α·VLOTTX
α = (|Zlttx + 2Rp|/|Zlttx|)
16.2k
Ω @ VLOTTX = 340mVrms
CS
Pulse metering shaping capacitor
CS =
τ/(2⋅RLV)
100nF 10% 10V
@
τ = 3.2ms, RLV = 16.2kΩ
CFL
Pulse metering filter capacitor
CFL = 2/(2
π⋅fttx⋅RLV)
1.5nF 10% 10V
@fttx = 12kHz RLV = 16.2k
Ω
267k
Ω
280k
Ω
294k
Ω
300k
Ω
VBAT(ACTIVE)
-46V
-48V
-49V
-50V
VBATR(RING)
-62V
-65V
-68V
-70V
Table 11. External Components @Gain Set = 0
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com