Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC3055N Datasheet HTML 16Page - STMicroelectronics STLC3055N Datasheet HTML 17Page - STMicroelectronics STLC3055N Datasheet HTML 18Page - STMicroelectronics STLC3055N Datasheet HTML 19Page - STMicroelectronics STLC3055N Datasheet HTML 20Page - STMicroelectronics STLC3055N Datasheet HTML 21Page - STMicroelectronics STLC3055N Datasheet HTML 22Page - STMicroelectronics STLC3055N Datasheet HTML 23Page - STMicroelectronics STLC3055N Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
STLC3055N
20/25
Figure 19. V2Wp and W4Wp: Idle Channel Psophometric Noise at Line and TX.
V2Wp = 20Log|Vl/0.774l|; V4Wp = 20Log|Vtx/0.774l|
6
APPENDIX B
6.1 STLC3055N Overvoltage Protection
Figure 20. Simplified Configuration for Indoor Overvoltage Protection
Figure 21. Standard Overvoltage Protection Configuration for K20 Compliance
TIP
RING
RX
TX
STLC3055N
application
circuit
W&G GH1
Vl
psophometric
filtered
100
µF
100
µF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
Vtx
psophometric
filtered
TIP
RING
BGND
VBAT
RP1
RP2
RP1
RP2
STLC3055N
TIP
RING
RP1 = 30ohm:
RP2 =Fuse or PTC > 18ohm
STPR120A
STPR120A
TIP
BGND
VBAT
RP1
RP2
RP1 = 30ohm:
RP2 =Fuse or PTC > 18ohm
STLC3055N
TIP
RING
RP1
RP2
RING
LCP1521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com