Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 2 Page - STMicroelectronics

  STLC3055N Datasheet HTML 1Page - STMicroelectronics STLC3055N Datasheet HTML 2Page - STMicroelectronics STLC3055N Datasheet HTML 3Page - STMicroelectronics STLC3055N Datasheet HTML 4Page - STMicroelectronics STLC3055N Datasheet HTML 5Page - STMicroelectronics STLC3055N Datasheet HTML 6Page - STMicroelectronics STLC3055N Datasheet HTML 7Page - STMicroelectronics STLC3055N Datasheet HTML 8Page - STMicroelectronics STLC3055N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
STLC3055N
2/25
2 DESCRIPTION (continued)
The battery level is properly adjusted depending on the operating mode. A useful characteristic for these
applications is the integrated ringing generator.
The control interface is a parallel type with open drain output and 3.3V logic levels.
The metering pulses are generated on chip starting from two logic signals (0, 3.3V) one define the meter-
ing pulse frequency and the other the metering pulse duration. An on chip circuit then provides the proper
shaping and filtering. Metering pulse amplitude and shaping (rising and decay time) can be programmed
by external components. A dedicated cancellation circuit avoid possible CODEC input saturation due to
Metering pulse echo.
Constant current feed can be set from 20mA to 40mA. Off-hook detection threshold is programmable from
5mA to 9mA.
The device, developed in BCDIIIS technology (90V process), operates in the extended temperature range
and integrates a thermal protection that sets the device in power down when Tj exceeds 140°C.
Figure 3. Pin Connection
Table 2. Absolute Maximum Ratings
(1) Vbat is self generated by the on chip DC/DC converter and can be programmed via RF1 and RF2.
RF1 and RF2 shall be selected in order to fulfil the a.m limits (see External Components Table page 10)
Symbol
Parameter
Value
Unit
Vpos
Positive Supply Voltage
-0.4 to +13
V
A/BGND
AGND to BGND
-1 to +1
V
Vdig
Pin D0, D1, D2, DET, CKTTX
-0.4 to 5.5
V
Tj
Max. junction Temperature
150
°C
Vbtot
(1)
Vbtot=|Vpos|+|Vbat|. (Total voltage applied to the device supply
pins).
90
V
ESD
RATING
Human Body Model
±1750
V
Charged Device Model
±500
V
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
N.C.
GAIN SET
PD
D1
D0
D2
CTTX2
CTTX1
CKTTX
N.C.
DET
RLIM
AGND
CVCC
RSENSE
GATE
VPOS
CSVR
ILTF
RD
IREF
RTH
D00TL488-MOD
12
13
14
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com