Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC3055N Datasheet HTML 15Page - STMicroelectronics STLC3055N Datasheet HTML 16Page - STMicroelectronics STLC3055N Datasheet HTML 17Page - STMicroelectronics STLC3055N Datasheet HTML 18Page - STMicroelectronics STLC3055N Datasheet HTML 19Page - STMicroelectronics STLC3055N Datasheet HTML 20Page - STMicroelectronics STLC3055N Datasheet HTML 21Page - STMicroelectronics STLC3055N Datasheet HTML 22Page - STMicroelectronics STLC3055N Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/25
STLC3055N
Figure 16. L/T Longitudinal to Transversal Conversion
L/T = 20Log|Vcm/Vl|
Figure 17. T/L Transversal to Longitudinal Conversion
T/L = 20Log|Vrx/Vcm|
Figure 18. VTTX Metering Pulse Level on Line
TIP
RING
RX
TX
STLC3055N
application
circuit
W&G GH1
Vcm
Vl
100
µF
100
µF
100mA
DC max
Zin = 100K
200 to 6kHz
300ohm
100
µF
300ohm
100
µF
Impedance matching
better than 0.1%
600ohm
TIP
RING
RX
TX
STLC3055N
application
circuit
Vcm
W&G GH1
100
µF
100
µF
100mA
DC max
Zin = 100K
200 to 6kHz
300ohm
100
µF
300ohm
100
µF
Impedance matching
better than 0.1%
Vrx
TIP
RING
RX
TX
STLC3055N
application
circuit
fttx (12 or 16kHz)
Vlttx
200ohm
CKTTX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com