Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC3055N
Description  WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC3055N Datasheet HTML 7Page - STMicroelectronics STLC3055N Datasheet HTML 8Page - STMicroelectronics STLC3055N Datasheet HTML 9Page - STMicroelectronics STLC3055N Datasheet HTML 10Page - STMicroelectronics STLC3055N Datasheet HTML 11Page - STMicroelectronics STLC3055N Datasheet HTML 12Page - STMicroelectronics STLC3055N Datasheet HTML 13Page - STMicroelectronics STLC3055N Datasheet HTML 14Page - STMicroelectronics STLC3055N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11/25
STLC3055N
Table 10. External Components
Name
Function
Formula
Typ. Value
RRX
Rx input bias resistor
100k
Ω 5%
RREF
Bias setting current
RREF = 1.3/Ibias
Ibias = 50
µA
26k
Ω 1%
CSVR
Negative Battery Filter
CSVR = 1/(2
π ⋅ fp ⋅ 1.8MΩ)
fp = 50Hz
1.5nF 10%
100V
RD
Ring Trip threshold setting
resistor
RD = 100/IRTH
2K
Ω < RD < 5KΩ
4.12k
Ω 1%
@ IRTH = 24mA
CAC
AC/DC split capacitance
22
µF 20% 15V
@ RD = 4.12k
Ω
RP
Line protection resistor
Rp > 30
Ω
50
Ω 1%
RLIM
Current limiting programming
RLIM = 1300/Ilim
32.5k
Ω < RLIM < 65kΩ
52.3k
Ω 1%
@ Ilim = 25mA
RTH
Off-hook threshold programming
(ACTIVE mode)
RTH = 290/ITH
27k
Ω < RTH < 52kΩ
32.4k
Ω 1%
@ITH = 9mA
CREV
Reverse polarity transition time
programming
CREV = ((1/3750) ·
∆T/∆VTR)
22nF 10% 10V
@ 12V/ms
RDD
Pull up resistors
100k
Ω
CVCC
Internally supply filter capacitor
100nF 20% 10V
CVpos
Positive supply filter capacitor
with low impedance for switch
mode power supply
100
µF(4)
CV
Battery supply filter capacitor with
low impedance for switch mode
power supply
100
µF 20% 100V (5)
CVB
High frequency noise filter
470nF 20% 100V
CRD (6)
High frequency noise filter
100nF 10% 15V
Q1
DC/DC converter switch P ch.
MOS transistor
RDS(ON)
≤1.2Ω,VDS = -100V
Total gate charge=20nC max.
with VGS=4.5V and VDS=1V
ID>500mA
Possible choiches:
IRF9510 or IRF9520 or
IRF9120 or equivalent
D1
DC/DC converter series diode
Vr > 100V, tRR
≤ 50ns
SMBYW01-200
or equivalent
RSENSE DC/DC converter peak current
limiting
RSENSE = 100mV/IPK
110m
Ω
@IPK = 900mA
RF1
Negative battery programming
level
250K
Ω<RF1<300KΩ (7)
300k
Ω 1%
@ VBATR = -70V
RF2
Negative battery programming leve
l9.1k
Ω 1%
L
DC/DC converter inductor
DC resistance
≤ 0.1Ω (8)
L=100
µH
SUMIDA CDRH125 or equivalent
Table 11. External Components @Gain Set = 0
Name
Function
Formula
Typ. Value
RS
Protection resistance image
RS = 50
⋅ (2Rp)
5k
Ω @ Rp = 50Ω
ZAC
Two wire AC impedance
ZAC = 50
⋅ (Zs - 2Rp)
25k
Ω 1% @ Zs = 600Ω
ZA (1)
SLIC impedance balancing
network
ZA = 50
⋅ Zs
30k
Ω 1% @ Zs = 600Ω
ZB (1)
Line impedance balancing
network
ZB = 50
⋅ Zl
30k
Ω 1% @ Zl = 600Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com