Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81102 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW81102
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW81102 Datasheet HTML 10Page - STMicroelectronics STW81102 Datasheet HTML 11Page - STMicroelectronics STW81102 Datasheet HTML 12Page - STMicroelectronics STW81102 Datasheet HTML 13Page - STMicroelectronics STW81102 Datasheet HTML 14Page - STMicroelectronics STW81102 Datasheet HTML 15Page - STMicroelectronics STW81102 Datasheet HTML 16Page - STMicroelectronics STW81102 Datasheet HTML 17Page - STMicroelectronics STW81102 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Typical performance characteristics
STW81102
14/43
3
Typical performance characteristics
The phase noise is measured with the Agilent E5052A Signal Source Analyzer. All the
closed-loop measurements are done with fSTEP=200 KHz setting properly the fPFD and the
Charge Pump current. The loop filter configuration used is depicted in the paragraph 8
(Application Diagram) and the Reference Clock signal is at 76.8 MHz with phase noise of -
135dBc/Hz @1KHz offset, -145dBc/Hz @10KHz offset and -149.5dBc/Hz of noise floor.
Figure 3.
VCO A (Direct output) open loop
phase noise
Figure 4.
VCO B (Direct output) open loop
phase noise
Figure 5.
VCO A (Direct output) closed loop
phase noise at 3.6GHz
(FSTEP=200KHz; FPFD=200KHz;
ICP=3mA)
Figure 6.
VCO B (Direct output) closed loop
phase noise at 4.3GHz
(FSTEP=200KHz; FPFD=200KHz;
ICP=4mA)
1. 2 ° r m s
1.4° rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com