Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81102 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STW81102
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STW81102 Datasheet HTML 34Page - STMicroelectronics STW81102 Datasheet HTML 35Page - STMicroelectronics STW81102 Datasheet HTML 36Page - STMicroelectronics STW81102 Datasheet HTML 37Page - STMicroelectronics STW81102 Datasheet HTML 38Page - STMicroelectronics STW81102 Datasheet HTML 39Page - STMicroelectronics STW81102 Datasheet HTML 40Page - STMicroelectronics STW81102 Datasheet HTML 41Page - STMicroelectronics STW81102 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
Application information
STW81102
38/43
Figure 33.
Evaluation Board (EVB2G) matching network (MATCH_EVB2G.dsn)
For the differential to single conversion the 50 to 100
Ω Johanson balun (1600BL15B100) is
recommended.
7.3
Divided by 4 Output
The same topology, components values and considerations of Figure 31, applies also for the
divided by 4 output (MATCH_LC_LUMP_1G_DIFF.dsn).
As for the previous sections, a solution to combine the differential outputs is the lumped LC
type balun tuned in the 1GHz band (Figure 34).
Figure 34.
LC lumped balun for the divided by 4 output (MATCH_LC_LUMP_1G.dsn)
If the user prefers to use an RF balun it is possible to adopt the same topology depicted in
Figure 33, just changing the balun and the matching components (Figure 35). The
suggested balun for the 0.75 - 1.17GHz frequency range is the 1:1 Johanson
900BL15C050.
RFOUTP
RFOUTN
VCC
5.5nH
50 Ohm
22pF
22pF
5.5nH
22pF
2:1
VCC
50 Ohm
50 Ohm
1.2pF
1.9nH
RFOUTP
RFOUTN
VCC
5.5nH
50 Ohm
22pF
22pF
5.5nH
22pF
2:1
VCC
50 Ohm
50 Ohm
1.2pF
1.9nH
RFOUTP
RFOUTN
VCC
5.5nH
5.5nH
4pF
4pF
6pF
50 Ohm
14nH
VCC
5.5nH
5.5nH
4pF
4pF
25 Ohm
25 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com