Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81102 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STW81102
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STW81102 Datasheet HTML 35Page - STMicroelectronics STW81102 Datasheet HTML 36Page - STMicroelectronics STW81102 Datasheet HTML 37Page - STMicroelectronics STW81102 Datasheet HTML 38Page - STMicroelectronics STW81102 Datasheet HTML 39Page - STMicroelectronics STW81102 Datasheet HTML 40Page - STMicroelectronics STW81102 Datasheet HTML 41Page - STMicroelectronics STW81102 Datasheet HTML 42Page - STMicroelectronics STW81102 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
STW81102
Application information
39/43
Figure 35.
Evaluation Board (EVB1G) matching network (MATCH_EVB1G.dsn)
7.4
Evaluation Kit
Upon request an Evaluation Kit can be delivered. It includes:
Evaluation Board
GUI (Graphical User Interface) to program the device
Measured S parameters of the RF output
ADS2005 schematics providing guidelines for application board design
STWPLLSim software for PLL loop filter design and noise simulation
Three different Evaluation Kits are available, one optimized for 1GHz frequency range, one
for 2GHz frequency range and the last one for 4GHz range.
While ordering please specify the following order codes:
The three Evaluation Kits differ only for the output stage network and can be adapted from
one frequency band variant to a different one replacing properly the macthing components
and the balun.
RFOUTP
RFOUTN
VCC
18nH
8.2pF
22pF
18nH
8.2pF
1:1
VCC
25 Ohm
25 Ohm
50 Ohm
0.5pF
2.1nH
RFOUTP
RFOUTN
VCC
18nH
8.2pF
22pF
18nH
8.2pF
1:1
VCC
25 Ohm
25 Ohm
50 Ohm
0.5pF
2.1nH
Table 23.
Order code of the evaluation kit
Part Number
Description
STW81102-EVB1G
1GHz frequency range - Divider by 4 output optimized
STW81102-EVB2G
2GHz frequency range - Divider by 2 output optimized
STW81102-EVB4G
4GHz frequency range - Direct output optimized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com