Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81102 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STW81102
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STW81102 Datasheet HTML 20Page - STMicroelectronics STW81102 Datasheet HTML 21Page - STMicroelectronics STW81102 Datasheet HTML 22Page - STMicroelectronics STW81102 Datasheet HTML 23Page - STMicroelectronics STW81102 Datasheet HTML 24Page - STMicroelectronics STW81102 Datasheet HTML 25Page - STMicroelectronics STW81102 Datasheet HTML 26Page - STMicroelectronics STW81102 Datasheet HTML 27Page - STMicroelectronics STW81102 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
I2C bus interface
STW81102
24/43
5.1.7
Multi-byte write mode
The multi-byte write mode can start from any internal address. The master sends the data
bytes and each one is acknowledged. The master terminates the transfer by generating a
STOP condition.
The sub-address decides the starting byte. A multi-byte with sub-address 01H and 2
DATA_IN bytes will change the "B_COUNTER" and "A_COUNTER" registers (01H,02H), so
a multi-byte with sub-address 00H and and 6 DATA_IN bytes will change all the STW81102
registers.
5.1.8
Current byte address read
In the current byte address read mode, following a START condition, the master sends the
device address with the rw bit set to 1 (No sub-address is needed as there is only 1 byte
read register). The STW81102 acknowledges this and outputs the data byte. The master
does not acknowledge the received byte, but terminates the transfer with a STOP condition.
5.2
Timing specification
Figure 23.
Data and clock
Table 10.
Single-byte write mode
S
1100A2A1A0
0
ack
sub-address byte
ack
DATA IN
ack
P
Table 11.
Multi-byte write mode
S
1100A2A1A0 0 ack
sub-address byte
ack
DATA IN
ack
....
DATA IN
ack
P
Table 12.
Current Byte Address Read
S
1100 A2 A1 A0
1
ack
DATA OUT
No ack
P
Table 13.
Data and clock
Symbol
Parameter
Minimum time (ns)
Tcs
Data to clock set up time
2
Tch
Data to clock hold time
2
Tcwh
Clock pulse width high
10
Tcwl
Clock pulse width low
5
t
cs
t
ch
t
cwh
t
cwl
SDA
SCL
t
cs
t
ch
t
cwh
t
cwl
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com