Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81102 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STW81102
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STW81102 Datasheet HTML 11Page - STMicroelectronics STW81102 Datasheet HTML 12Page - STMicroelectronics STW81102 Datasheet HTML 13Page - STMicroelectronics STW81102 Datasheet HTML 14Page - STMicroelectronics STW81102 Datasheet HTML 15Page - STMicroelectronics STW81102 Datasheet HTML 16Page - STMicroelectronics STW81102 Datasheet HTML 17Page - STMicroelectronics STW81102 Datasheet HTML 18Page - STMicroelectronics STW81102 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
STW81102
Typical performance characteristics
15/43
Figure 7.
VCO A (Div. by 2 output) closed
loop phase noise at 1.65GHz
(FSTEP=200KHz; FPFD=400KHz;
ICP=2mA)
Figure 8.
VCO B (Div. by 2 output) closed
loop phase noise at 2.15GHz
(FSTEP=200KHz; FPFD=400KHz;
ICP=3mA)
Figure 9.
VCO A (Div. by 4 output) closed
loop phase noise at 825MHz
(FSTEP=200KHz; FPFD=800KHz;
ICP=1.5mA)
Figure 10.
VCO B (Div. by 4 output) closed
loop phase noise at 1.075GHz
(FSTEP=200KHz; FPFD=800KHz;
ICP=2.5mA)
0.5 ° rms
0.57° rms
0.2 ° rms
0.24° rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com