Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81102 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW81102
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102 Datasheet(HTML) 5 Page - STMicroelectronics

  STW81102 Datasheet HTML 1Page - STMicroelectronics STW81102 Datasheet HTML 2Page - STMicroelectronics STW81102 Datasheet HTML 3Page - STMicroelectronics STW81102 Datasheet HTML 4Page - STMicroelectronics STW81102 Datasheet HTML 5Page - STMicroelectronics STW81102 Datasheet HTML 6Page - STMicroelectronics STW81102 Datasheet HTML 7Page - STMicroelectronics STW81102 Datasheet HTML 8Page - STMicroelectronics STW81102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
STW81102
List of figures
5/43
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Pin connection (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
VCO A (Direct output) open loop phase noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 4.
VCO B (Direct output) open loop phase noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 5.
VCO A (Direct output) closed loop phase noise at 3.6GHz . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 6.
VCO B (Direct output) closed loop phase noise at 4.3GHz . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 7.
VCO A (Div. by 2 output) closed loop phase noise at 1.65GHz . . . . . . . . . . . . . . . . . . . . . 15
Figure 8.
VCO B (Div. by 2 output) closed loop phase noise at 2.15GHz . . . . . . . . . . . . . . . . . . . . . 15
Figure 9.
VCO A (Div. by 4 output) closed loop phase noise at 825MHz . . . . . . . . . . . . . . . . . . . . . 15
Figure 10.
VCO B (Div. by 4 output) closed loop phase noise at 1.075GHz . . . . . . . . . . . . . . . . . . . . 15
Figure 11.
PFD Frequency Spurs (Direct Output; FPFD=200KHz). . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 12.
PFD Frequency Spurs (Div. by 2 Output; FPFD=400KHz) . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 13.
PFD Frequency Spurs (Div. by 4 Output; FPFD=800KHz) . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 14.
Settling Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 15.
Reference Frequency Input Buffer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 16.
VCO Divider Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 17.
PFD diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 18.
Loop filter connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 19.
VCO Sub-Bands Frequency Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 20.
Data validity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 21.
Start and Stop condition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 22.
Byte format and acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 23.
Data and clock . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 24.
Start and stop . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 25.
Acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 26.
SPI input and output bit order . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 27.
SPI Timing specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 28.
Differential/single ended output network in the 3.0 - 4.65GHz range . . . . . . . . . . . . . . . . . 35
Figure 29.
LC lumped balun and matching network (MATCH_LC_LUMP_4G.dsn) . . . . . . . . . . . . . . 36
Figure 30.
Evaluation Board (EVB4G) matching network (MATCH_EVB4G.dsn) . . . . . . . . . . . . . . . . 36
Figure 31.
Differential/single ended output network in the 1.5 - 2.325GHz range . . . . . . . . . . . . . . . . 37
Figure 32.
LC lumped balun for divided by 2 output (MATCH_LC_LUMP_2G.dsn) . . . . . . . . . . . . . . 37
Figure 33.
Evaluation Board (EVB2G) matching network (MATCH_EVB2G.dsn) . . . . . . . . . . . . . . . 38
Figure 34.
LC lumped balun for the divided by 4 output (MATCH_LC_LUMP_1G.dsn) . . . . . . . . . . . 38
Figure 35.
Evaluation Board (EVB1G) matching network (MATCH_EVB1G.dsn) . . . . . . . . . . . . . . . 39
Figure 36.
Application diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 37.
VFQFPN28 Mechanical Data & Package Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com