Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81102 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STW81102
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81102 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STW81102 Datasheet HTML 16Page - STMicroelectronics STW81102 Datasheet HTML 17Page - STMicroelectronics STW81102 Datasheet HTML 18Page - STMicroelectronics STW81102 Datasheet HTML 19Page - STMicroelectronics STW81102 Datasheet HTML 20Page - STMicroelectronics STW81102 Datasheet HTML 21Page - STMicroelectronics STW81102 Datasheet HTML 22Page - STMicroelectronics STW81102 Datasheet HTML 23Page - STMicroelectronics STW81102 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
General description
STW81102
20/43
Figure 18.
Loop filter connection
4.1.8
Voltage controlled oscillators
VCO Selection
Within STW81102 two low-noise VCOs are integrated to cover a wide band from 3000MHz
to 3620MHz and 4000MHz to 4650MHz (direct output), from 1500MHz to 1810MHz and
2000MHz to 2325MHz (selecting divider by 2), from 750MHz to 905MHz and 1000MHz to
1162.5MHz (selecting divider by 4).
VCO A frequency range 3000MHz-3620MHz
VCO B frequency range 4000MHz-4650MHz
VCO Frequency Calibration
Both VCOs can operate on 32 frequency ranges that are selected by adding or subtracting
capacitors to the resonator. These frequency ranges are intended to cover the wide band of
operation and compensate for process variation on the VCO center frequency.
An automatic selection of the range is performed when the bit SERCAL rises from "0" to "1".
The charge pump is inhibited and the pins ICP & VCTRL are at VDD/2 volts. Then the ranges
are tested to select the one which with this VCO input voltage is the nearest to the desired
output frequency (Fout = N*Fref/R). When this selection is achieved the signal ENDCALB
(which means End of Calibration) falls to "0", then the charge pump is enabled again and
SERCAL should be reset to "0" before the next channel step. The PLL has just to perform
fine adjustment around VDD/2 on the loop filter to reach Fout, which enables a fast settle.
Figure 19.
VCO Sub-Bands Frequency Characteristics
Charge
Pump
ICP
VCTRL
BUF
VDD
BUF
Cal bit
R1
C1
C3
R3
C2
C3
R3
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com