Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LC1024 Datasheet(PDF) 19 Page - Microchip Technology

Part # 23LC1024
Description  1-Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 23LC1024 Datasheet HTML 15Page - Microchip Technology 23LC1024 Datasheet HTML 16Page - Microchip Technology 23LC1024 Datasheet HTML 17Page - Microchip Technology 23LC1024 Datasheet HTML 18Page - Microchip Technology 23LC1024 Datasheet HTML 19Page - Microchip Technology 23LC1024 Datasheet HTML 20Page - Microchip Technology 23LC1024 Datasheet HTML 21Page - Microchip Technology 23LC1024 Datasheet HTML 22Page - Microchip Technology 23LC1024 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20005142D-page 19
23A1024/23LC1024
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
8-Lead SOIC (3.90 mm)
XXXXYYWW
XXXXXXXT
NNN
Example:
SN
2205
23A1024I
13F
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
RoHS-compliant JEDEC® designator for Matte Tin (Sn)
Note:
For very small packages with no room for the RoHS-compliant JEDEC®
designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
8-Lead TSSOP
Example:
XXXT
YYWW
NNN
3ABI
2205
13F
Part Number
1st Line Marking Codes
PDIP
SOIC
TSSOP
23A1024
23A1024
23A1024T
3ABT
23LC1024
23LC1024
23LCBT
3LBT
Note:
T = Temperature grade (I, E)
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
I/P
13F
23A1024
2205
Example:
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com