Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LC1024 Datasheet(PDF) 30 Page - Microchip Technology

Part # 23LC1024
Description  1-Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024 Datasheet(HTML) 30 Page - Microchip Technology

Back Button 23LC1024 Datasheet HTML 25Page - Microchip Technology 23LC1024 Datasheet HTML 26Page - Microchip Technology 23LC1024 Datasheet HTML 27Page - Microchip Technology 23LC1024 Datasheet HTML 28Page - Microchip Technology 23LC1024 Datasheet HTML 29Page - Microchip Technology 23LC1024 Datasheet HTML 30Page - Microchip Technology 23LC1024 Datasheet HTML 31Page - Microchip Technology 23LC1024 Datasheet HTML 32Page - Microchip Technology 23LC1024 Datasheet HTML 33Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
23A1024/23LC1024
DS20005142D-page 30
 2012-2022 Microchip Technology Inc. and its subsidiaries
PRODUCT IDENTIFICATION SYSTEM (NON-AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape and Reel
Device
Device:
23A1024:
23LC1024:
1-Mbit, 1.7V - 2.2V, SPI Serial SRAM
1-Mbit, 2.5V - 5.5V, SPI Serial SRAM
Tape and
Reel:
Blank =
T=
Standard packaging (tube)
Tape and Reel(1)
Temperature
Range:
I=
E=
-40
C to +85C (Industrial)
-40
C to +125C (Extended)
Package:
P=
SN
=
ST
=
Plastic PDIP (300 mil body), 8-lead
Plastic SOIC (3.90 mm body), 8-lead
Plastic TSSOP (4.4 mm body), 8-lead
Examples:
a)
23A1024-I/ST: 1-Mbit, 1.7V-2.2V Serial
SRAM, Industrial temp., TSSOP package
b)
23LC1024T-I/SN: 1-Mbit, 2.5V-5.5V
Serial SRAM, Industrial temp., Tape and
Reel, SOIC package
c)
23LC1024-I/P: 1-Mbit, 2.5V-5.5V Serial
SRAM, Industrial temp., PDIP package
d)
23A1024-E/ST: 1-Mbit, 1.7V-2.2V Serial
SRAM, Extended temp., TSSOP package
e)
23LC1024T-E/SN:
1-Mbit,
2.5V-5.5V
Serial SRAM, Extended temp., Tape and
Reel, SOIC package
f)
23LC1024-E/P: 1-Mbit, 2.5V-5.5V Serial
SRAM, Extended temp., PDIP package
-X
Temperature
Option
Range
Note 1:
Tape and Reel identifier only
appears in the catalog part number
description. This identifier is used for
ordering purposes and is not printed
on the device package. Check with
your Microchip Sales Office for pack-
age availability with the Tape and
Reel option.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com