Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LC1024 Datasheet(PDF) 1 Page - Microchip Technology

Part # 23LC1024
Description  1-Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024 Datasheet(HTML) 1 Page - Microchip Technology

  23LC1024 Datasheet HTML 1Page - Microchip Technology 23LC1024 Datasheet HTML 2Page - Microchip Technology 23LC1024 Datasheet HTML 3Page - Microchip Technology 23LC1024 Datasheet HTML 4Page - Microchip Technology 23LC1024 Datasheet HTML 5Page - Microchip Technology 23LC1024 Datasheet HTML 6Page - Microchip Technology 23LC1024 Datasheet HTML 7Page - Microchip Technology 23LC1024 Datasheet HTML 8Page - Microchip Technology 23LC1024 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20005142D-page 1
23A1024/23LC1024
Device Selection Table
Features
• SPI Bus Interface:
- SPI compatible
- SDI (dual) and SQI (quad) compatible
- 20 MHz Clock rate for all modes
• Low-Power CMOS Technology:
- Read current: 3 mA at 5.5V, 20 MHz
- Standby current: 4
A at +85°C
• Unlimited Read and Write Cycles
• Zero Write Time
• 128-Kbit x 8-bit Organization:
- 32-byte page
• Byte, Page and Sequential Mode for Reads and
Writes
• High Reliability
• Temperature Ranges Supported:
• Automotive AEC-Q100 Qualified
• RoHS Compliant
Packages
• 8-Lead PDIP
• 8-Lead SOIC
• 8-Lead TSSOP
Package Types (not to scale)
Description
The Microchip Technology Inc. 23A1024/23LC1024
are 1-Mbit Serial SRAM devices. The memory is
accessed via a simple Serial Peripheral Interface (SPI)
compatible serial bus. The bus signals required are a
clock input (SCK), a data in line (SI) and a data out line
(SO). Access to the device is controlled through a Chip
Select (CS) input. Additionally, SDI (Serial Dual
Interface) and SQI (Serial Quad Interface) is supported
if your application needs faster data rates.
This device also supports unlimited reads and writes to
the memory array.
Pin Function Table
Part
Number
VCC Range
Temp.
Ranges
Dual I/O
(SDI)
Quad I/O
(SQI)
Max. Clock
Frequency
Packages
23A1024
1.7V-2.2V
I, E
Yes
Yes
20 MHz(1)
SN, ST, P
23LC1024
2.5V-5.5V
I, E
Yes
Yes
20 MHz(1)
SN, ST, P
Note 1: 16 MHz for E-temp.
- Industrial (I):
-40
Cto +85C
- Extended (E):
-40
Cto +125C
CS
SO/SIO1
SIO2
VSS
VCC
HOLD/SIO3
SCK
SI/SIO0
1
2
3
4
8
7
6
5
SOIC/TSSOP/PDIP
Name
Function
CS
Chip Select Input Pin
SO/SIO1
Serial Output/SDI/SQI Pin
SIO2
SQI Pin
VSS
Ground Pin
SI/SIO0
Serial Input/SDI/SQI Pin
SCK
Serial Clock Pin
HOLD/SIO3
Hold/SQI Pin
VCC
Power Supply Pin
1-Mbit SPI Serial SRAM with SDI and SQI Interface


Similar Part No. - 23LC1024

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23LC1024 MICROCHIP-23LC1024 Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
2011-2012
23LC1024-E/SN MICROCHIP-23LC1024-E/SN Datasheet
427Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
03/25/14
23LC1024-E/ST/P MICROCHIP-23LC1024-E/ST/P Datasheet
427Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
03/25/14
23LC1024-I MICROCHIP-23LC1024-I Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
11/29/11
23LC1024-I/P MICROCHIP-23LC1024-I/P Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
11/29/11
More results

Similar Description - 23LC1024

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A1024 MICROCHIP-23A1024 Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
2011-2012
23A512 MICROCHIP-23A512 Datasheet
728Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
2012
23LCV1024 MICROCHIP-23LCV1024 Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV512 MICROCHIP-23LCV512 Datasheet
700Kb / 30P
512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV1024T-E MICROCHIP-23LCV1024T-E Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
11/29/11
23LC1024-I MICROCHIP-23LC1024-I Datasheet
598Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
11/29/11
23A1024 MICROCHIP-23A1024_15 Datasheet
427Kb / 32P
1Mbit SPI Serial SRAM with SDI and SQI Interface
03/25/14
23A512 MICROCHIP-23A512_13 Datasheet
643Kb / 32P
512Kbit SPI Serial SRAM with SDI and SQI Interface
10/28/13
23A512 MICROCHIP-23A512_V01 Datasheet
428Kb / 32P
512-Kbit SPI Serial SRAM with SDI and SQI Interface
Revision C (May 2022)
23LCV1024 MICROCHIP-23LCV1024_V01 Datasheet
616Kb / 29P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com