Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LC1024 Datasheet(PDF) 6 Page - Microchip Technology

Part # 23LC1024
Description  1-Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 23LC1024 Datasheet HTML 2Page - Microchip Technology 23LC1024 Datasheet HTML 3Page - Microchip Technology 23LC1024 Datasheet HTML 4Page - Microchip Technology 23LC1024 Datasheet HTML 5Page - Microchip Technology 23LC1024 Datasheet HTML 6Page - Microchip Technology 23LC1024 Datasheet HTML 7Page - Microchip Technology 23LC1024 Datasheet HTML 8Page - Microchip Technology 23LC1024 Datasheet HTML 9Page - Microchip Technology 23LC1024 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
23A1024/23LC1024
DS20005142D-page 6
 2012-2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-1:
BYTE READ SEQUENCE (SPI MODE)
FIGURE 2-2:
BYTE WRITE SEQUENCE (SPI MODE)
TABLE 2-1:
INSTRUCTION SET
Instruction Name Instruction Format
Hex
Code
Description
READ
0000 0011
0x03
Read data from memory array beginning at selected address
WRITE
0000 0010
0x02
Write data to memory array beginning at selected address
EDIO
0011 1011
0x3B
Enter Dual I/O access (enter SDI bus mode)
EQIO
0011 1000
0x38
Enter Quad I/O access (enter SQI bus mode)
RSTIO
1111 1111
0xFF
Reset Dual and Quad I/O access (revert to SPI bus mode)
RDMR
0000 0101
0x05
Read Mode Register
WRMR
0000 0001
0x01
Write Mode Register
SO
SI
SCK
CS
0
23456789 10 11
29 30 31 32 33 34 35 36 37 38 39
1
01
0
0
0
0
01
23 22 21 20
210
76543210
Instruction
24-bit Address
Data Out
High-Impedance
SO
SI
CS
9 10 11
29 303132 33 343536 3738 39
00
0
0
0
0
01
23 22 21 20
21
0 7
6543
210
Instruction
24-bit Address
Data Byte
High-Impedance
SCK
0
2
3
4567
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com