Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LC1024 Datasheet(PDF) 12 Page - Microchip Technology

Part # 23LC1024
Description  1-Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 23LC1024 Datasheet HTML 8Page - Microchip Technology 23LC1024 Datasheet HTML 9Page - Microchip Technology 23LC1024 Datasheet HTML 10Page - Microchip Technology 23LC1024 Datasheet HTML 11Page - Microchip Technology 23LC1024 Datasheet HTML 12Page - Microchip Technology 23LC1024 Datasheet HTML 13Page - Microchip Technology 23LC1024 Datasheet HTML 14Page - Microchip Technology 23LC1024 Datasheet HTML 15Page - Microchip Technology 23LC1024 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
23A1024/23LC1024
DS20005142D-page 12
 2012-2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
FIGURE 3-1:
SPI, SDI and SQI Pin Configurations
3.1
Chip Select (CS)
A low level on this pin selects the device. A high level
deselects the device and forces it into Standby mode.
When the device is deselected, SO goes to the high-
impedance state, allowing multiple parts to share the
same SPI bus. After power-up, a low level on CS is
required, prior to any sequence being initiated.
3.2
Serial Output, Serial I/O (SO/SIO1)
The SO/SIO1 pin is used to transfer data out of the
23A1024/23LC1024 when the SPI bus is being used.
When in SDI or SQI bus modes, the SO/SIO1 pin is a
bidirectional I/O pin. Data is shifted out on this pin after
the falling edge of the serial clock, and it is latched in
on the rising edge of the serial clock.
3.3
Serial I/O 2 (SIO2)
The SIO2 pin is a bidirectional I/O pin used only in SQI
mode. If not using SQI bus mode, this pin should not be
left floating. Deciding to pull the SIO2 pin high would
allow successful recovery of the bus from SQI bus
mode in case an accidental EQIO command has been
registered.
3.4
Serial Input, Serial I/O 0 (SI/SIO0)
The SI pin is used to transfer data into the device when
the SPI bus is being used. When in SDI or SQI bus
modes, the SI/SIO0 pin is a bidirectional I/O pin.
3.5
Serial Clock (SCK)
The SCK is used to synchronize the communication
between a host and the 23A1024/23LC1024. Instruc-
tions, addresses or data present on the SI pin are
latched on the rising edge of the clock input, while data
on the SO pin is updated after the falling edge of the
clock input.
3.6
Hold, Serial I/O 3 (HOLD/SIO3)
When the device is in SQI bus mode, pin HOLD/SIO3
is a bidirectional I/O pin. When in SPI or SDI bus
modes, the pin has the HOLD function.
The HOLD pin is used to suspend transmission to the
23A1024/23LC1024 while in the middle of a serial
sequence without having to avoid retransmitting the
entire sequence over again. It must be held high any
time this function is not being used. Once the device is
SOIC/PDIP/TSSOP
Symbol
Description
1CS
Chip Select Input
2
SO/SIO1
Serial Output (SPI)/Serial I/O 1 (SDI)/Serial I/O 1 (SQI)
3
SIO2
Serial I/O 2 (SQI)
4VSS
Ground
5
SI/SIO0
Serial Input (SPI)/Serial I/O 0 (SDI)/Serial I/O 0 (SQI)
6
SCK
Serial Clock Input
7HOLD/SIO3
Hold/Serial I/O 3
8VCC
Power Supply
CS
SIO1
NU
Vss
VCC
HOLD
SCK
SIO0
1
2
3
4
8
7
6
5
SDI Mode:
CS
SIO1
SIO2
Vss
VCC
SIO3
SCK
SIO0
1
2
3
4
8
7
6
5
SQI Mode:
CS
SO
NU
Vss
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
SPI Mode:
Note:
Pin 3 is not used in SPI and SDI modes, and should not be left floating (see Section 3.3 “Serial I/O
(SIO2)”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com