Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LC1024 Datasheet(PDF) 3 Page - Microchip Technology

Part # 23LC1024
Description  1-Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024 Datasheet(HTML) 3 Page - Microchip Technology

  23LC1024 Datasheet HTML 1Page - Microchip Technology 23LC1024 Datasheet HTML 2Page - Microchip Technology 23LC1024 Datasheet HTML 3Page - Microchip Technology 23LC1024 Datasheet HTML 4Page - Microchip Technology 23LC1024 Datasheet HTML 5Page - Microchip Technology 23LC1024 Datasheet HTML 6Page - Microchip Technology 23LC1024 Datasheet HTML 7Page - Microchip Technology 23LC1024 Datasheet HTML 8Page - Microchip Technology 23LC1024 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20005142D-page 3
23A1024/23LC1024
TABLE 1-3:
AC TEST CONDITIONS
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
Extended (E): TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
1FCLK Clock Frequency
—
20
MHz
I-Temp
16
MHz
E-Temp
2
TCSS CS Setup Time
25
—
ns
I-Temp
32
—
ns
E-Temp
3
TCSH CS Hold Time
50
—
ns
4
TCSD CS Disable Time
25
—
ns
I-Temp
32
—
ns
E-Temp
5TSU
Data Setup Time
10
—
ns
6THD
Data Hold Time
10
—
ns
7TR
CLK Rise Time
—
20
ns
(Note 1)
8TF
CLK Fall Time
—
20
ns
(Note 1)
9THI
Clock High Time
25
—
ns
I-Temp
32
—
ns
E-Temp
10
TLO
Clock Low Time
25
—
ns
I-Temp
32
—
ns
E-Temp
11
TCLD Clock Delay Time
25
—
ns
I-Temp
32
—
ns
E-Temp
12
TV
Output Valid from Clock Low
—
25
ns
I-Temp
32
ns
E-Temp
13
THO
Output Hold Time
0
—
ns
(Note 1)
14
TDIS Output Disable Time
—
20
ns
15
THS
HOLD Setup Time
10
—
ns
16
THH
HOLD Hold Time
10
—
ns
17
THZ
HOLD Low to Output High-Z
10
—
ns
18
THV
HOLD High to Output Valid
—
50
ns
Note 1: This parameter is periodically sampled and not 100% tested.
AC Waveform
Input Pulse Level
0.1 VCC to 0.9 VCC
Input Rise/Fall Time
5 ns
CL = 30 pF
—
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com