Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23LC1024 Datasheet(PDF) 5 Page - Microchip Technology

Part # 23LC1024
Description  1-Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024 Datasheet(HTML) 5 Page - Microchip Technology

  23LC1024 Datasheet HTML 1Page - Microchip Technology 23LC1024 Datasheet HTML 2Page - Microchip Technology 23LC1024 Datasheet HTML 3Page - Microchip Technology 23LC1024 Datasheet HTML 4Page - Microchip Technology 23LC1024 Datasheet HTML 5Page - Microchip Technology 23LC1024 Datasheet HTML 6Page - Microchip Technology 23LC1024 Datasheet HTML 7Page - Microchip Technology 23LC1024 Datasheet HTML 8Page - Microchip Technology 23LC1024 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20005142D-page 5
23A1024/23LC1024
2.0
FUNCTIONAL DESCRIPTION
2.1
Principles of Operation
The 23A1024/23LC1024 is a 1-Mbit Serial SRAM
designed to interface directly with the Serial Peripheral
Interface (SPI) port of many of today’s popular
microcontroller families, including Microchip’s PIC®
microcontrollers.
It
may
also
interface
with
microcontrollers that do not have a built-in SPI port by
using discrete I/O lines programmed properly in
firmware to match the SPI protocol. In addition, the
23A1024/23LC1024 is capable of operation in SDI and
SQI modes. In SDI mode, the SI and SO data lines are
bidirectional, allowing the transfer of two bits per clock
pulse. In SQI mode, two additional data lines enable
the transfer of four bits per clock pulse.
The 23A1024/23LC1024 contains an 8-bit instruction
register. The device is accessed via the SI pin, with
data being clocked in on the rising edge of SCK. The
CS pin must be low for the entire operation.
Table 2-1 contains a list of the possible instruction
bytes and format for device operation. All instructions,
addresses and data are transferred MSB first, LSB last.
2.2
Modes of Operation
The 23X1024 has three modes of operation that are
selected by setting bits 7 and 6 in the MODE register.
The modes of operation are Byte, Page and Burst.
Byte Operation – is selected when bits 7 and 6 in the
MODE register are set to 00. In this mode, the read/
write operations are limited to only one byte. The
Command followed by the 24-bit address is clocked into
the device and the data to/from the device is transferred
on the next eight clocks (Figure 2-1, Figure 2-2).
Page Operation – is selected when bits 7 and 6 in the
MODE register are set to 10. The 23X1024 has
4096 pages of 32 bytes. In this mode, the read and write
operations are limited to within the addressed page (the
address is automatically incremented internally). If the
data being read or written reaches the page boundary,
then the internal address counter will increment to the
start of the page (Figure 2-3, Figure 2-4).
Sequential Operation – is selected when bits 7 and 6
in the MODE register are set to 01. Sequential
operation allows the entire array to be written to and
read from. The internal address counter is automatically
incremented and page boundaries are ignored. When
the internal address counter reaches the end of the
array, the address counter will roll over to 0x00000
(Figure 2-5, Figure 2-6).
2.3
Read Sequence
The device is selected by pulling CS low. The 8-bit
READ instruction is transmitted to the 23A1024/
23LC1024 followed by the 24-bit address, with the first
seven MSB’s of the address being “don’t care” bits.
After the correct READ instruction and address are sent,
the data stored in the memory at the selected address
is shifted out on the SO pin.
If operating in Sequential mode, the data stored in the
memory at the next address can be read sequentially
by continuing to provide clock pulses. The internal
Address Pointer is automatically incremented to the
next higher address after each byte of data is shifted
out. When the highest address is reached (1FFFFh),
the address counter rolls over to address 00000h,
allowing the read cycle to be continued indefinitely.
The read operation is terminated by raising the CS
pin.
2.4
Write Sequence
Prior to any attempt to write data to the 23A1024/
23LC1024, the device must be selected by bringing CS
low.
Once the device is selected, the Write command can
be started by issuing a WRITE instruction, followed by
the 24-bit address, with the first seven MSB’s of the
address being “don’t care” bits, and then the data to be
written. A write is terminated by the CS being brought
high.
If operating in Page mode, after the initial data byte is
shifted in, additional bytes can be shifted into the
device.
The Address
Pointer
is
automatically
incremented. This operation can continue for the entire
page (32 bytes) before data will start to be overwritten.
If operating in Sequential mode, after the initial data
byte is shifted in, additional bytes can be clocked into
the
device.
The
internal Address
Pointer
is
automatically incremented. When the Address Pointer
reaches the highest address (1FFFFh), the address
counter rolls over to (00000h). This allows the
operation to continue indefinitely, however, previous
data will be overwritten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com