Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3465R Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 18Page - Microchip Technology MCP3465R Datasheet HTML 19Page - Microchip Technology MCP3465R Datasheet HTML 20Page - Microchip Technology MCP3465R Datasheet HTML 21Page - Microchip Technology MCP3465R Datasheet HTML 22Page - Microchip Technology MCP3465R Datasheet HTML 23Page - Microchip Technology MCP3465R Datasheet HTML 24Page - Microchip Technology MCP3465R Datasheet HTML 25Page - Microchip Technology MCP3465R Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
MCP3465R
DS20006414C-page 22
 2020-2021 Microchip Technology Inc.
Note:
Unless otherwise indicated, AVDD = 3.3V; DVDD = 3.3V; TA = +25°C; MCLK = 4.9152 MHz;
VIN = -0.5 dBFS at 50 Hz; VREF =AVDD; ADC_MODE = 11. All other registers are set to the default value.
Histogram ticks are centered at their bin center.
FIGURE 2-55:
DIDD and AIDD vs. DVDD
and AVDD.
FIGURE 2-56:
AIDD vs. MCLK (Internal
VREF).
FIGURE 2-57:
DIDD and AIDD vs.
Temperature.
FIGURE 2-58:
VREF Output vs. Time
(T = +25°C, AVDD =3.3V).
FIGURE 2-59:
VREF Output Voltage vs.
Temperature (AVDD =3.3V).
FIGURE 2-60:
Internal VREF Output
Voltage vs. AVDD.
0
0.5
1
1.5
2
2.5
1.8
2.1
2.4
2.7
3
3.3
3.6
AV
DD/DVDD (V)
DI
DD
AI
DD BOOST = 2x
AI
DD BOOST = 1x
AI
DD BOOST = 0.66x
AI
DD BOOST = 0.5x
0
0.5
1
1.5
2
2.5
0
5
10
15
20
MCLK Frequency (MHz)
AI
DD BOOST = 2x
AI
DD BOOST = 1x
AI
DD BOOST = 0.66x
AI
DD BOOST = 0.5x
0
0.5
1
1.5
2
2.5
-50
-25
0
255075
100
125
Temperature ( C)
AI
DD BOOST = 0.5x
AI
DD BOOST = 0.66x
AI
DD BOOST = 1x
AI
DD BOOST = 2x
2.41178
2.41179
2.4118
2.41181
2.41182
2.41183
2.41184
2.41185
2.41186
024
68
10
Time (s)
Output Noise = 14.3 V
RMS
100 Samples (100 ms per sample)
2.38
2.385
2.39
2.395
2.4
2.405
2.41
2.415
-50
-25
0
255075
100
125
Temperature (°C)
11 Devices x 3 Lots
2.3978
2.3979
2.398
2.3981
2.3982
2.3983
2.3984
2.3985
2.3986
2.3987
2.3988
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
AV
DD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com