Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3465R Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 25Page - Microchip Technology MCP3465R Datasheet HTML 26Page - Microchip Technology MCP3465R Datasheet HTML 27Page - Microchip Technology MCP3465R Datasheet HTML 28Page - Microchip Technology MCP3465R Datasheet HTML 29Page - Microchip Technology MCP3465R Datasheet HTML 30Page - Microchip Technology MCP3465R Datasheet HTML 31Page - Microchip Technology MCP3465R Datasheet HTML 32Page - Microchip Technology MCP3465R Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 29
MCP3465R
When
running
conversions,
SCK
has
to
be
continuously clocking at a constant frequency to
ensure proper ADC accuracy. In this case, communica-
tions using the SPI interface should be synchronized
on the free-running clock and can be framed with a
proper usage of the CS pin.
When CLK_SEL[1:0] = 10, the MCLK is running based
on the internal oscillator and is not attached to the SCK
pin. In this case, SCK and MCLK are asynchronous
and the SCK pin is used only for the SPI interface
communications.
When CLK_SEL[1:0] = 11, the SCK pin becomes an
output for the internal oscillator and sends a
free-running clock at the AMCLK frequency. In this
case, the SCK pin is still working as the SCK input for
SPI communications.
The MCP3465R becomes the host device for the SCK
clock. The SPI communications have to be framed
using this free-running clock as the time base in order
to be correctly interpreted by the device.
3.3.3
SERIAL DATA OUTPUT PIN (SDO)
This pin is used for the SPI Data Output (SDO). The
SDO data are clocked out on the falling edge of SCK.
This pin stays high-impedance under the following
conditions:
• When CS pin is logic high.
• During the entire SPI write or Fast command
communication period after the SPI COMMAND
byte has been transmitted.
• After the two device address bits in the command
are transmitted, if the device address in the com-
mand does not match the internal chip device
address.
3.3.4
SERIAL DATA INPUT PIN (SDI)
This is the SPI Data Input (SDI) pin and it uses a
Schmitt Trigger structure. When CS is logic low, this
pin is used to send a COMMAND byte just after the CS
falling edge, which can be followed by data words of
various lengths. Data are clocked into the device on
the rising edge of SCK. Toggling SDI while reading a
register has no effect.
3.4
Digital Ground (DGND)
DGND is the ground connection to internal digital
circuitry. To ensure accuracy and noise cancellation,
DGND must be connected to the same ground as
AGND, preferably with a star connection. If a digital
ground plane is available, it is recommended to tie this
pin to the plane of the Printed Circuit Board (PCB).
This plane should also reference all other digital
circuitry in the system. DGND is not internally connected
to AGND and must be connected externally.
3.5
Digital Power Supply (DVDD)
DVDD is the power supply pin for the digital circuitry
within the device. The voltage on this pin must be
maintained in the range specified by the Electrical
Characteristics table. For optimal performance, it is
recommended to connect appropriate bypass capaci-
tors (typically, a 10 µF ceramic in parallel with a 0.1 µF
ceramic). DVDD is monitored by the DVDD POR
monitoring circuit for the digital section.
3.6
Analog Power Supply (AVDD)
AVDD is the power supply pin for the analog circuitry
within the device. The voltage on this pin must be
maintained in the range specified by the Electrical
Characteristics table. For optimal performance, it is
recommended to connect appropriate bypass capaci-
tors (typically, a 10 µF ceramic in parallel with a 0.1 µF
ceramic). AVDD is monitored by the AVDD POR
monitoring circuit for the analog section.
3.7
Analog Ground (AGND)
AGND is the ground connection to internal analog
circuitry. To ensure accuracy and noise cancellation,
this pin must be connected to the same ground as
DGND, preferably with a star connection. If an analog
ground plane is available, it is recommended to tie this
pin to the plane of the PCB. This plane should also ref-
erence all other analog circuitry in the system. AGND is
the biasing voltage for the substrate of the die and is
not internally connected to DGND.
3.8
Exposed Pad (EP)
The pad is internally connected to AGND. It must be
connected to the analog ground of the PCB for optimal
accuracy and thermal performance. This pad can also
be left floating if necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com