Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3465R Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 67Page - Microchip Technology MCP3465R Datasheet HTML 68Page - Microchip Technology MCP3465R Datasheet HTML 69Page - Microchip Technology MCP3465R Datasheet HTML 70Page - Microchip Technology MCP3465R Datasheet HTML 71Page - Microchip Technology MCP3465R Datasheet HTML 72Page - Microchip Technology MCP3465R Datasheet HTML 73Page - Microchip Technology MCP3465R Datasheet HTML 74Page - Microchip Technology MCP3465R Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 71
MCP3465R
FIGURE 6-8:
Static and Incremental Read SPI Communications.
Don’t Care
SCK
SDI
SDO
CS
8x
Depends on
ADDR
ADDR
...
ADDR
CMD[7:6] + ADDR + 01
Complete READ
sequence
ADDR
Depends on
ADDR
...
Depends on
ADDR
Don’t Care
00XXXXXX
Depends on IRQ status
and device address
High-Z
0
COMMAND
BYTE
Don’t Care
SCK
SDI
SDO
CS
8x
Depends on
ADDR
ADDR
...
ADDR = 0xF
CMD[7:6] + ADDR + 11
Complete READ sequence
ADDR + 1
Depends on
ADDR+1
...
16x
Depends on
Data Format
ADDR = 0x0
...
Complete READ sequence
ADDR = 0x1
8x
...
16x
ADDR = 0xF
Don’t Care
ADDR
...
0xF
Complete
READ
sequence
Roll-over
ADDRESS SET
00XXXXXX
Depends on IRQ status
and device address
0x0
...
High-Z
0
COMMAND
BYTE
Static Read Sequence
Incremental Read Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com