Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3465R Datasheet(PDF) 63 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 63 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 59Page - Microchip Technology MCP3465R Datasheet HTML 60Page - Microchip Technology MCP3465R Datasheet HTML 61Page - Microchip Technology MCP3465R Datasheet HTML 62Page - Microchip Technology MCP3465R Datasheet HTML 63Page - Microchip Technology MCP3465R Datasheet HTML 64Page - Microchip Technology MCP3465R Datasheet HTML 65Page - Microchip Technology MCP3465R Datasheet HTML 66Page - Microchip Technology MCP3465R Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 63
MCP3465R
6.0
SPI SERIAL INTERFACE AND
DEVICE OPERATION
6.1
Overview
The MCP3465R device uses an SPI interface to read
and write the internal registers. The device includes a
four-wire (CS, SCK, SDI, SDO) serial SPI interface that
is compatible with SPI Modes 0,0 and 1,1. Data are
clocked out of the device on the falling edge of SCK
and data are clocked into the device on the rising edge
of SCK. In these modes, the SCK clock can Idle either
high (1,1) or low (0,0). The digital interface is asynchro-
nous with the ADC conversion clock (i.e., the MLCK
clock controls the ADC sampling and digital filtering
when the internal oscillator is selected as the conver-
sion clock source). However, when an external clock is
selected as the conversion clock source, SCK
becomes MCLK; therefore, it makes the interface and
conversion clock synchronous signals. All digital input
pins are Schmitt Triggered to avoid system noise per-
turbations on the communications. The SPI interface is
maintained in a Reset state during POR.
Each SPI communication starts with a CS falling edge
and stops with the CS rising edge. Each SPI communi-
cation is independent. When CS is logic high, SDO is
in high-impedance, the transitions on SCK and SDI
have no effect. Changing from SPI Mode 1,1 to an SPI
Mode 0,0 and vice versa is possible, and must be done
while the CS pin is logic high. Any CS rising edge clears
the communication and resets the SPI digital interface.
See Figure 1-1 for the SPI timing details.
The MCP3465R digital interface is capable of handling
various Continuous Read and Write modes, which
allows for ADC data streaming or full register map writ-
ing within only one communication (and with only one
unique COMMAND byte). It also includes single byte
Fast commands. The device does not include a Master
Reset pin, but it includes an SPI Fast command to be
able to fully reset the part at any time and place it back
in a default configuration.
The device family also includes advanced security
features to secure communication and alert users of
unwanted Write commands that change the desired con-
figuration. To secure the entire configuration, the device
includes an 8-bit lock code (LOCK[7:0]), which blocks all
Write commands to the full register map if the value of the
lock code is not equal to a defined password (0xA5). The
user can protect its configuration by changing the
LOCK[7:0] value to 0x00 after full programming, so that
any unwanted Write command will not result in a change
in the configuration. Each SPI read communication can
be secured through a selectable CRC-16 checksum pro-
vided on the SDO pin at the end of every communication
sequence. This checksum computation is compatible with
the DMA CRC hardware of the PIC24 and PIC32 MCUs,
as well as many other MCU references, resulting in no
additional overhead for the added security.
Once the part is locked (write-protected), an additional
checksum calculation also runs continuously in the
background to ensure the integrity of the full register
map. All writable registers of the register map are
processed through a CRC-16 calculation engine and
give a CRC-16 checksum that depends on the con-
figuration. This checksum is readable from the CRC
register and updated when MCLK is running. If there is
a change in the checksum, a CRC interrupt generates
a flag to warn the user that the configuration has been
corrupted.
The MCP3465R device does not incorporate a dedi-
cated IRQ pin, but two IRQ mechanisms are available
for users to synchronize with Data Ready Events, and
retrieve POR and CRC errors that could happen during
operations. MCP3465R does not incorporate a dedi-
cated MCLK I/O pin, as the rest of the family of
MCP3465R devices, due to its low pin count. However,
the SCK pin can be used as an input to retrieve MCLK
from an external clock source, or as an output to gather
AMCLK generated by the internal oscillator to
synchronize with the MCU.
6.2
SPI Communication Structure
The MCP3465R interface has a simple communication
structure. Every communication starts with a CS falling
edge and stops with a CS rising edge.
The communication is always started by the
COMMAND byte (8 bits) clocking on the SDI input. The
COMMAND byte defines the command that will be
executed by the digital interface. It includes the device
address,
the
register
address
bits
and
the
command-type bits.
The COMMAND byte is typically followed by data bytes
clocked on SDI if the command type is a write and on
SDO if the command type is a read. The COMMAND
byte can also define a Fast command, and in this case,
it is not followed by any other byte. The following sub-
sections detail the COMMAND byte structure and all
possible commands.
During the COMMAND byte clocking on SDI, a
STATUS byte is also propagated on the SDO output to
enable easy polling of the device status. During this time,
the interface is full-duplex, but the part can still be used
by MCUs handling only half-duplex communications if
the STATUS byte is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com