Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3465R Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 79Page - Microchip Technology MCP3465R Datasheet HTML 80Page - Microchip Technology MCP3465R Datasheet HTML 81Page - Microchip Technology MCP3465R Datasheet HTML 82Page - Microchip Technology MCP3465R Datasheet HTML 83Page - Microchip Technology MCP3465R Datasheet HTML 84Page - Microchip Technology MCP3465R Datasheet HTML 85Page - Microchip Technology MCP3465R Datasheet HTML 86Page - Microchip Technology MCP3465R Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 83
MCP3465R
7.3
Power Supply Design and
Bypassing
In any system, the analog ICs (such as references or
operational amplifiers) are always connected to the
analog ground plane. The MCP3465R should also be
considered a sensitive analog component and con-
nected to the analog ground plane. The ADC features
two pairs of power supply voltage pins: AGND and
AVDD, DGND and DVDD. For best performance, it is
recommended to keep the two pairs of pins connected
to two different networks (see Figure 7-5), so that the
design will feature two ground traces and two power
supplies (see Figure 7-6).
The analog circuitry (including MCP3465R) and the
digital circuitry (MCU) should have separate power
supplies and return paths to the external ground refer-
ence, as described in Figure 7-5. An example of a
typical power supply circuit, with different paths for
analog and digital return currents, is shown in
Figure 7-6. A possible split example is shown in
Figure 7-7, where the ground star connection can be
located underneath the device with the exposed pad.
The split between analog and digital can be done under
the device, and AVDD and DVDD can be connected with
lines coming under the ground plane. The two separate
return paths will eventually share a unique connection
point (star connection) in order to minimize coupling
between the two power supply domains.
Another possibility, sometimes easier to implement in
terms of PCB layout, is to consider the MCP3465R as
an analog component, and connect AVDD to DVDD and
AGND to DGND with a star connection. In this scheme,
the decoupling capacitors may be larger due to the
ripple on the digital power supply (caused by the digital
filters and the SPI interface of the MCP3465R), now
causing glitches on the analog power supply.
Figure 7-6 shows an example of a power supply
schematic with separate DVDD and AVDD. A high-current
LDO (MCP1825) was used for the DVDD line to be able
to power the MCU and other peripherals attached to the
MCU. A high PSRR LDO (MCP1754) is used for the
AVDD that goes to the ADC and a few other components
sensitive to noise. The Net Tie is used to separate DGND
from AGND.
FIGURE 7-5:
Separating Digital and
Analog Ground by Using a Star Connection.
FIGURE 7-6:
Power Supply with Separate Lines for Analog and Digital Sections (the “Net Tie”
Object Represents the Star Ground Connection).
VA
VD
MCU
“Star” Point
IA
ID
ID
IA
AVDD DVDD
AGND
D
GND
D-=
A-=
0.1 F
MCP3 6
0.1 F
C
GND
GND
GND
GND
+5V USB
GNDA
+9V IN
Power Jack 2.5 mm
2
3
1
J10
MRA4005
D1
9V
0.1 μF
0603
C11
0.1 μF
0603
C10
GND
3.3A
3.3D
GNDA
GNDA
0.1 μF
0603
C12
MCP1754-3.3V
VOUT 3
VIN
1
U3
GND
LM1117-5V
VIN
3
VOUT 2
U4
MCP1825S-3.3V
VOUT 3
VIN
1
U2
5V
GND
Net Tie
GND
GNDA
10 μF
TANT-B
C15
10 μF
TANT-B
C44
10 μF
TANT-B
C13
10 μF
TANT-B
C45
GND
J9
5V_USB
0.1 μF
0603
C14
GNDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com