Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3465R Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP3465R
Description  Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3465R Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP3465R Datasheet HTML 31Page - Microchip Technology MCP3465R Datasheet HTML 32Page - Microchip Technology MCP3465R Datasheet HTML 33Page - Microchip Technology MCP3465R Datasheet HTML 34Page - Microchip Technology MCP3465R Datasheet HTML 35Page - Microchip Technology MCP3465R Datasheet HTML 36Page - Microchip Technology MCP3465R Datasheet HTML 37Page - Microchip Technology MCP3465R Datasheet HTML 38Page - Microchip Technology MCP3465R Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 110 page
background image
 2020-2021 Microchip Technology Inc.
DS20006414C-page 35
MCP3465R
5.0
DEVICE OVERVIEW
5.1
Analog Input Multiplexer
The MCP3465R device includes a fully configurable
analog input dual multiplexer that can select which
input is connected to each of the two differential input
pins (VIN+/VIN-) of the Delta-Sigma ADC.
The dual multiplexer is divided into two single-ended
multiplexers that are totally independent.
Each of these multiplexers includes the same
possibilities for the input selection, so that any required
combination of input voltages can be converted by the
ADC. The analog multiplexer is composed of parallel
low-resistance input switches, turned on or off, depend-
ing on the input channel selection. Their resistance is
negligible compared to the input impedance of the ADC
(caused by the charge and discharge of the input
sampling capacitors on the VIN+/VIN- ADC inputs). The
block diagram of the analog multiplexer is shown in
Figure 5-1.
FIGURE 5-1:
Simplified Analog Input Multiplexer Schematic.
Analog Input Dual Multiplexer
VIN+ Analog Multiplexer
Sigma-Delta ADC
VIN+
VIN-
VCM
TEMP Diode P
MUX[7:4]
REFIN-
REFIN+/OUT
AVDD
AGND
CH1
CH0
MUX[3:0]
AVDD
ISOURCE
AGND
ISINK
AGND
CS_SEL[1:0]
CS_SEL[1:0]
AVDD
ITEMP+
MUX[7:4]
=
1101
REFIN-
REFIN+/OUT
AVDD
AGND
CH1
CH0
TEMP Diode M
VIN- Analog Multiplexer
VCM
TEMP Diode P
AGND
TEMP Diode M
MUX[3:0]
=
1101
AVDD
ITEMP-
MUX7:4]
=
1110
MUX[3:0]
=
1110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com