Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7232G Datasheet HTML 1Page - Infineon Technologies AG TLE7232G Datasheet HTML 2Page - Infineon Technologies AG TLE7232G Datasheet HTML 3Page - Infineon Technologies AG TLE7232G Datasheet HTML 4Page - Infineon Technologies AG TLE7232G Datasheet HTML 5Page - Infineon Technologies AG TLE7232G Datasheet HTML 6Page - Infineon Technologies AG TLE7232G Datasheet HTML 7Page - Infineon Technologies AG TLE7232G Datasheet HTML 8Page - Infineon Technologies AG TLE7232G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
3
V1.0, 2005-09-30
Type
Ordering Code
Package
SPIDER - TLE 7232G
SP0000-89034
P-DSO-24-3
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
The SPIDER - TLE 7232G is an eight channel low-
side power switch in P-DSO-24-3 package providing
embedded protective functions. It is especially
designed for standard relays in automotive
applications.
A serial peripheral interface (SPI) is utilized for
control and diagnosis of the device and the load. For
direct control, there is an input pin available.
The power transistors are built by N-channel vertical
power MOSFETs. The device is monolithically
integrated in Smart Power Technology.
Product Summary
Supply voltage
V
dd
4.5…5.5V
Supply voltage for SO buffer
V
VSO
3.0…5.5V
On-State resistance at 25
°C
R
DS(ON, max)
1.2
Ω
Nominal load current
I
L(nom, max)
240 mA
Over load current limitation
I
DS(LIM, min)
1A
Output leakage current per channel at 25
°C
I
DS(OFF, max)
1
µA
Drain to source clamping voltage
V
DS(CL, min)
48 V
SPI clock frequency
f
SCLK(max)
5MHz
P-DSO-24-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com