Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 5Page - Infineon Technologies AG TLE7232G Datasheet HTML 6Page - Infineon Technologies AG TLE7232G Datasheet HTML 7Page - Infineon Technologies AG TLE7232G Datasheet HTML 8Page - Infineon Technologies AG TLE7232G Datasheet HTML 9Page - Infineon Technologies AG TLE7232G Datasheet HTML 10Page - Infineon Technologies AG TLE7232G Datasheet HTML 11Page - Infineon Technologies AG TLE7232G Datasheet HTML 12Page - Infineon Technologies AG TLE7232G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Electrical Characteristics
Data Sheet
9
V1.0, 2005-09-30
3
Electrical Characteristics
3.1
Maximum Ratings
Stresses above the ones listed here may affect device reliability or may cause permanent
damage to the device.
Unless otherwise specified:
V
dd = 4.5 V to 5.5 V, Tj = -40 °C to 150 °C
Pos.
Parameter
Symbol
Limit Values
Unit Test
Conditions
min.
max.
Power Supply
3.1.1
Power supply voltage
V
dd
-0.3
5.5
V
3.1.2
VSO supply voltage
V
VSO
-0.3
V
dd + 0.3 V
1)
3.1.3
Power supply voltage for full
short circuit protection
(single pulse)
V
bat(SC)
020
28
V
OVL
= 0 2)
OVL
= 1
Power Stages
3.1.4
Load current
I
D
-1
1
A
3.1.5
Voltage at power transistor
V
DS
48
V
3.1.6
Maximum energy
dissipation one channel
single pulse
E
AS
mJ
3)
65
T
j(0) = 85 °C
I
D(0) = 0.35 A
30
T
j(0) = 150 °C
I
D(0) = 0.25 A
Maximum energy
dissipation one channel
repetitive pulses
E
AR
mJ
3)
T
j(0) = 150 °C
1· 104 cycles
18
I
D(0) = 0.20 A
1· 106 cycles
13
I
D(0) =0.17 A
Logic Pins
3.1.7
Voltage at input pin
V
IN
-0.3
5.5
V
3.1.8
Voltage at reset pin
V
RST
-0.3
5.5
V
3.1.9
Voltage at chip select pin
V
CS
-0.3
5.5
V
3.1.10 Voltage at serial clock pin
V
SCLK
-0.3
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com