Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7232G Datasheet HTML 1Page - Infineon Technologies AG TLE7232G Datasheet HTML 2Page - Infineon Technologies AG TLE7232G Datasheet HTML 3Page - Infineon Technologies AG TLE7232G Datasheet HTML 4Page - Infineon Technologies AG TLE7232G Datasheet HTML 5Page - Infineon Technologies AG TLE7232G Datasheet HTML 6Page - Infineon Technologies AG TLE7232G Datasheet HTML 7Page - Infineon Technologies AG TLE7232G Datasheet HTML 8Page - Infineon Technologies AG TLE7232G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Overview
Data Sheet
5
V1.0, 2005-09-30
1Overview
The SPIDER - TLE 7232G is an eight channel low-side relay switch (1.2
Ω per channel)
in P-DSO-24-3 package providing embedded protective functions. The 16 bit serial
peripheral interface (SPI) is utilized for control and diagnosis of the device and the loads.
The SPI interface provides daisy-chain capability in order to assemble multiple devices
in one SPI chain by using the same number of micro-controller pins.
The SPIDER - TLE 7232G is equipped with one input pin that can be individually routed
to the output control of each channel thus offering complete flexibility in design and PCB-
layout. The input mapping as well as the boolean operation between input signal an
output control signal is configured via SPI.
The device provides full diagnosis of the load, which is open load, short to GND as well
as short circuit to
V
bat detection and over load / over temperature indication. The SPI
diagnosis flags indicate latched fault conditions that may have occurred.
Each output stage is protected against short circuit. In case of over load, the current of
the affected channel is limited. There is a temperature sensor available for each channel
to protect the device in case of over temperature. The shut down behavior in case of over
load or over temperature can be configured via SPI for each channel individually.
1.1
Block Diagram
Figure 1
Block Diagram
Overview .emf
CS
SI
SCLK
SO
SPI
control,
diagnostic
and
protective
functions
open load
detection
temperature
sensor
gate
control
short circuit
detection
GND
IN
RST
VDD
OUT7
OUT6
OUT5
OUT4
OUT3
OUT2
OUT1
OUT0
hardware
configuration
output monitor
boolean operation
input map
output control
diagnosis register
VSO
reset / stand-by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com