Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232G Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 19Page - Infineon Technologies AG TLE7232G Datasheet HTML 20Page - Infineon Technologies AG TLE7232G Datasheet HTML 21Page - Infineon Technologies AG TLE7232G Datasheet HTML 22Page - Infineon Technologies AG TLE7232G Datasheet HTML 23Page - Infineon Technologies AG TLE7232G Datasheet HTML 24Page - Infineon Technologies AG TLE7232G Datasheet HTML 25Page - Infineon Technologies AG TLE7232G Datasheet HTML 26Page - Infineon Technologies AG TLE7232G Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Diagnostic Features
Data Sheet
23
V1.0, 2005-09-30
4.3.1
Electrical Characteristics
Unless otherwise specified:
V
dd = 4.5 V to 5.5 V, Tj = -40 °C to 150 °C
typical values:
V
dd = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ. max.
OFF State Diagnosis
4.3.1
Open load detection
threshold voltage
V
DS(OL)
V
dd -
2.5
V
dd -
2
V
dd -
1.3
V
4.3.2
Output pull-down
diagnosis current per
channel
I
D(PD)
50
90
150
µA
4.3.3
Short to gnd
detection threshold
voltage
V
DS(SG)
V
dd -
3.4
V
dd -
3.0
V
dd -
2.6
V
4.3.4
Output diagnosis
current for short to
gnd per channel
I
D(SG)
-150 -100
-50
µA
V
DS = 0 V
4.3.5
Fault delay time
t
d(fault)
50
100
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com