Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 8Page - Infineon Technologies AG TLE7232G Datasheet HTML 9Page - Infineon Technologies AG TLE7232G Datasheet HTML 10Page - Infineon Technologies AG TLE7232G Datasheet HTML 11Page - Infineon Technologies AG TLE7232G Datasheet HTML 12Page - Infineon Technologies AG TLE7232G Datasheet HTML 13Page - Infineon Technologies AG TLE7232G Datasheet HTML 14Page - Infineon Technologies AG TLE7232G Datasheet HTML 15Page - Infineon Technologies AG TLE7232G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Block Description and Electrical Characteristics
Data Sheet
12
V1.0, 2005-09-30
The input signal can be configured to be used as control signal of the output stages for
each channel separately. The channels 0 to 3 differ from the channels 4 to 7 in the
mapping behavior. Please refer to Figure 4 for details.
The current sink to ground at the input pin ensures that the channels switch off in case
of open pin. The zener diode protects the input circuit against ESD pulses.
4.1.3
Inductive Output Clamp
When switching off inductive loads, the potential at pin OUT rises to
V
DS(CL) potential,
because the inductance intends to continue driving the current. The voltage clamping is
necessary to prevent destruction of the device, see Figure 5 for details. Nevertheless,
the maximum allowed load inductance is limited.
Figure 5
Output Clamp Implementation
Maximum Load Inductance
During demagnetization of inductive loads, energy has to be dissipated in the SPIDER -
TLE 7232G. This energy can be calculated with following equation:
(1)
The equation simplifies under the assumption of
R
L = 0:
(2)
The energy, which is converted into heat, is limited by the thermal design of the
component.
OutputClamp.emf
Vbat
I D
VDS(CL)
OUT
V
DS
GND
L,
RL
EVDS(CL)
Vbat V
–
DS(CL)
RL
------------------------------------
ln
⋅
1
RL ID
⋅
Vbat V
–
DS(CL)
------------------------------------
–



ID
+
L
RL
------
⋅⋅
=
E
1
2
---
LID
2
1
Vbat
Vbat V
–
DS(CL)
------------------------------------
–



⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com