Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232G Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 17Page - Infineon Technologies AG TLE7232G Datasheet HTML 18Page - Infineon Technologies AG TLE7232G Datasheet HTML 19Page - Infineon Technologies AG TLE7232G Datasheet HTML 20Page - Infineon Technologies AG TLE7232G Datasheet HTML 21Page - Infineon Technologies AG TLE7232G Datasheet HTML 22Page - Infineon Technologies AG TLE7232G Datasheet HTML 23Page - Infineon Technologies AG TLE7232G Datasheet HTML 24Page - Infineon Technologies AG TLE7232G Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Protection Functions
Data Sheet
21
V1.0, 2005-09-30
4.2.5
Command Description
OLCR
Over Load Configuration Register
Reset Value: 00H
76
543
210
OVL7
OVL6
OVL5
OVL4
OVL3
OVL2
OVL1
OVL0
rw
rw
rw
rw
rw
rw
rw
rw
Field
Bits
Type Description
OVLn
(n = 7-0)
nrw
Over Load Configuration Channel n
0
Channel n limits the current in case of over load
(default value)
.
1
Channel n shuts down in case of over load
.
OTCR
Over Temperature Configuration Register
Reset Value: 00H
76
543
210
OVT7
OVT6
OVT5
OVT4
OVT3
OVT2
OVT1
OVT0
rw
rw
rw
rw
rw
rw
rw
rw
Field
Bits
Type Description
OVTn
(n = 7-0)
nrw
Over Temperature Configuration Channel n
0
Autorestart (default value)
1
Latched shut down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com