Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7232G Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 21Page - Infineon Technologies AG TLE7232G Datasheet HTML 22Page - Infineon Technologies AG TLE7232G Datasheet HTML 23Page - Infineon Technologies AG TLE7232G Datasheet HTML 24Page - Infineon Technologies AG TLE7232G Datasheet HTML 25Page - Infineon Technologies AG TLE7232G Datasheet HTML 26Page - Infineon Technologies AG TLE7232G Datasheet HTML 27Page - Infineon Technologies AG TLE7232G Datasheet HTML 28Page - Infineon Technologies AG TLE7232G Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Serial Peripheral Interface (SPI)
Data Sheet
25
V1.0, 2005-09-30
4.4
Serial Peripheral Interface (SPI)
The diagnosis and control interface is based on a serial peripheral interface (SPI).
The SPI is a full duplex synchronous serial slave interface, which uses four lines: SO, SI,
SCLK and CS. Data is transferred by the lines SI and SO at the data rate given by SCLK.
The falling edge of CS indicates the beginning of a data access. Data is sampled in on
line SI at the falling edge of SCLK and shifted out on line SO at the rising edge of SCLK.
Each access must be terminated by a rising edge of CS. A modulo 8 counter ensures
that data is taken only, when a multiple of 8 bit has been transferred. The interface
provides daisy chain capability.
Figure 10
Serial Peripheral Interface
The SPI protocol is described in Section 4.4.5. It is reset to the default values after
power-on reset or a low signal at pin RST.
4.4.1
SPI Signal Description
CS - Chip Select: The system micro controller selects the SPIDER - TLE 7232G by
means of the CS pin. Whenever the pin is in low state, data transfer can take place.
When CS is in high state, any signals at the SCLK and SI pins are ignored and SO is
forced into a high impedance state.
CS High to Low transition:
• The diagnosis information is transferred into the shift register.
CS Low to High transition:
• Command decoding is only done, when after the falling edge of CS exactly a multiple
(1, 2, 3, …) of eight SCLK signals have been detected.
• Data from shift register is transferred into the input matrix register.
• The diagnosis flags are cleared.
SCLK - Serial Clock: This input pin clocks the internal shift register. The serial input (SI)
transfers data into the shift register on the falling edge of SCLK while the serial output
14
13
12
11
14
13
12
11
MSB
MSB
SPI.emf
LSB
6
5
4
3
2
1
LSB
6
5
4
3
2
1
10
9
8
10
9
8
7
7
SO
SI
CS
SCLK
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com