Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4331
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 5 Page - Analog Devices

  LTC4331 Datasheet HTML 1Page - Analog Devices LTC4331 Datasheet HTML 2Page - Analog Devices LTC4331 Datasheet HTML 3Page - Analog Devices LTC4331 Datasheet HTML 4Page - Analog Devices LTC4331 Datasheet HTML 5Page - Analog Devices LTC4331 Datasheet HTML 6Page - Analog Devices LTC4331 Datasheet HTML 7Page - Analog Devices LTC4331 Datasheet HTML 8Page - Analog Devices LTC4331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC4332
5
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
ICC vs Temperature
SPI Bus Active
ICC vs Temperature
SPI Bus Active
ICC vs Temperature SPI Bus Idle
TA = 25°C. VCC = 5V, VL = 3.3V, GND = 0V unless
otherwise noted.
Logic Inputs VIL and VIH vs VL
Supply (Except SCK, MISO,
and INT)
Logic Outputs VOL and VOH vs VL
Supply (Except SCK and MISO)
SCK, MISO, and INT Inputs VIL
and VIH vs VL Supply
SCK and MISO Output (2mA and
4mA) VOL and VOH vs VL Supply
Y/Z Driver Output Low/High
Voltage vs Output Current
(VCC = 3.3V)
Y/Z Driver Differential Output
Voltage vs Temperature
(VCC = 3.3V)
VIH
VIL
LOGIC SUPPLY VOLTAGE VL (V)
1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
4332 G04
VOH 2mA
VOL 2mA
VOH 4mA
VOL 4mA
LOGIC SUPPLY VOLTAGE VL (V)
1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
4332 G05
OUTPUT CURRENT (mA)
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
10
20
30
40
4332 G08
50
VOH
VOL
TEMPERATURE (°C)
–50
1.5
1.9
1.7
2.1
2.3
2.5
0
50
100
4332 G09
150
RDIFF = 100
RDIFF = 54
REMOTE = 0
MAX SCK FREQUENCY
SPD IDX = 0
SPD IDX = 1
SPD IDX = 2
SPD IDX = 3
SPD IDX = 4
SPD IDX = 5
SPD IDX = 6
SPD IDX = 7
SPD IDX = 8
AMBIENT TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
20
24
28
32
36
40
44
48
52
56
4332 G01
REMOTE = 0
SPD IDX = 0
SPD IDX = 1
SPD IDX = 2
SPD IDX = 3
SPD IDX = 4
SPD IDX = 5
SPD IDX = 6
SPD IDX = 7
SPD IDX = 8
AMBIENT TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
4332 G03
REMOTE = 1
MAX SCK FREQUENCY
SPD IDX = 0
SPD IDX = 1
SPD IDX = 2
SPD IDX = 3
SPD IDX = 4
SPD IDX = 5
SPD IDX = 6
SPD IDX = 7
SPD IDX = 8
AMBIENT TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
20
24
28
32
36
40
44
48
52
56
4332 G02
VIH
VIL
LOGIC SUPPLY VOLTAGE VL (V)
1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
4332 G06
VOH 2mA
VOL 2mA
VOH 4mA
VOL 4mA
LOGIC SUPPLY VOLTAGE VL(V)
1.5 2 2.5 3 3.5 4 4.5 5 5.5 6
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
4332 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com