Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4331 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC4331
Description  SPI Extender Over Rugged Differential Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC4331 Datasheet HTML 10Page - Analog Devices LTC4331 Datasheet HTML 11Page - Analog Devices LTC4331 Datasheet HTML 12Page - Analog Devices LTC4331 Datasheet HTML 13Page - Analog Devices LTC4331 Datasheet HTML 14Page - Analog Devices LTC4331 Datasheet HTML 15Page - Analog Devices LTC4331 Datasheet HTML 16Page - Analog Devices LTC4331 Datasheet HTML 17Page - Analog Devices LTC4331 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LTC4332
14
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
baud rate supports a maximum local SCK frequency
listed in Table 2. Exceeding the listed maximum frequency
results in data loss.
The LTC4332 SPI extension solution is point-to-point
only. Multidrop or multipoint configurations on the dif-
ferential link are not allowed.
±40kV HBM ESD Protection
The LTC4332 features exceptionally robust ESD protec-
tion. The link interface pins (A, B, Y, Z) feature protection
to ±40kV HBM with respect to GND, VCC (with a 4.7μF
capacitor to GND), A, B, Y, or Z.
IEC ESD and EFT Protection
The improved ESD protection of the LTC4332 provides a
high level of protection in the IEC ESD and EFT (Electrical
Fast Transient) tests. The IEC ESD stress exceeds that of
the HBM test in peak current, amplitude, and rise time,
while the EFT test provides a prolonged repetitive stress.
Combined with the HBM test, the IEC tests help ensures
that the LTC4332 is robust under a wide range of real
world hazards. The LTC4332 passes the following tests
on the A, B, Y, Z pins:
• IEC 61000-4-2 Edition 2.0 2008-12 ESD Level 3: ±6kV
contact (A, B, Y, or Z to GND, direct discharge to bus
pins with transceiver and protection circuit mounted
on a test card with a low impedance ground discharge
path from board GND to ESD gun return lead, per
Figure 4 of the standard)
• IEC 61000-4-4 Second Edition 2004-07 EFT Level 4:
±4kV (line to GND, 5kHz repetition rate, 15ms burst
duration, 60 second test duration, discharge coupled to
bus pins through 100pF capacitor per paragraph 7.3.2
of the standard). VCC pin requires 4.7μF to meet Level
4 rating.
Startup and Shutdown
Startup occurs when supply voltages are applied to pins
VCC and VL and setting the ON pin high. All output pins are
tri-stated during the first part of startup. After an internal
initialization sequence the SPI interface and other pins
are functional. The local side LTC4332 probes the dif-
ferential link. After the startup time tREADY, a master can
access the internal control interface using the SSC slave
select pin. Once the device establishes link communica-
tion with a remote LTC4332, it drives pin LINK low and
the remote SPI bus can be accessed (TREM_READY > 0ns).
See Figure 6.
The ON pin can be used to set the LTC4332 to a lower
power state. By setting ON low, the LTC4332 is held in
reset, all programmed configuration is set to the default
value, all output drivers are disabled, and the differential
transceiver is put into low power mode. If not used, tie
ON to VL.
Link Status
The LTC4332 provides the LINK pin which indicates when
the remote SPI bus is ready. LINK is driven low when link
communication is established. It is an open-drain output
and requires an external pull-up to VL if used. At startup,
the LINK pin output driver is disabled.
Link status can also be monitored using the control inter-
face. See section Control Interface. Ensure that the values
set on local side SPEED1 and SPEED2 pins match the
values set on remote side. Also, do not the exceed the
cable length listed in Table 2. for the given SPEED setting.
The LTC4332 will not link if these conditions are not met.
Note that the link status is indeterminate if the REMOTE
pin is incorrectly configured on either the local or remote
side LTC4332 device.
Interrupt
The LTC4332 supports an interrupt signal that is mirrored
from the remote network to the local network using the
differential link when the SPI Bus is idle. On the remote
side INT is an input pin that can be connected to remote
SPI devices. While on the local side INT operates as an
open-drain output that can be connected to a shared local
interrupt line. INT is periodically sampled and has a prop-
agation time of tINT_PROP. If enabled, the local LTC4332’s
control interface uses the INT pin to report link and fault
events. The local side INT output is the logical AND of the
remote INT and the internal endpoint interrupt signal. If



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com